Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94201 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94201 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS94201 Datasheet HTML 1Page - Integrated Circuit Systems ICS94201 Datasheet HTML 2Page - Integrated Circuit Systems ICS94201 Datasheet HTML 3Page - Integrated Circuit Systems ICS94201 Datasheet HTML 4Page - Integrated Circuit Systems ICS94201 Datasheet HTML 5Page - Integrated Circuit Systems ICS94201 Datasheet HTML 6Page - Integrated Circuit Systems ICS94201 Datasheet HTML 7Page - Integrated Circuit Systems ICS94201 Datasheet HTML 8Page - Integrated Circuit Systems ICS94201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS94201
94201 Rev A - 05/24/01
Pin Configuration
Recommended Application:
810/810E and Solano (815) type chipset
Output Features:
2 - CPUs @ 2.5V
13 - SDRAM @ 3.3V
3 - 3V66 @ 3.3V
8 - PCI @3.3V
1 - 24/48MHz@ 3.3V
1 - 48MHz @ 3.3V fixed
1 - REF @3.3V, 14.318MHz
Features:
Programmable ouput frequency.
Programmable ouput rise/fall time for PCI
and SDRAM clocks.
Programmable 3V66 to PCI skew.
Spread spectrum for EMI control
with programmable spread percentage.
Watchdog timer technology to reset system
if over-clocking causes malfunction.
Support power management through PD#.
Uses external 14.318MHz crystal.
FS pins for frequency select
Key Specifications:
CPU Output Jitter: <250ps
IOAPIC Output Jitter: <500ps
48MHz, 3V66, PCI Output Jitter: <500ps
CPU Output Skew: <175ps
PCI Output Skew: <500ps
3V66 Output Skew <175ps
For group skew timing, please refer to the
Group Timing Relationship Table.
Programmable System Frequency Generator for PII/III™
56-Pin 300 mil SSOP
1. These pins will have 1.5 to 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK [1:0]
2
12
8
3
SDRAM [11:0]
IOAPIC
PCICLK [7:0]
SDRAM_F
3V66 [2:0]
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS[4:0]
PD#
SEL24_48#
SDATA
SCLK
Control
Logic
Config.
Reg.
/ 2
REF0
Block Diagram
VDDREF
X1
X2
GNDREF
GND3V66
3V66-1
3V66-2
VDD3V66
VDDPCI
*(FS0)PCICLK0
*(FS1)PCICLK1
*(SEL24_48#)PCICLK2
GNDPCI
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GNDSDR
3V66-0
1
1
1
REF0(FS4)*
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GNDLCPU
GNDSDR
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GNDSDR
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND48
24_48MHz(FS2)*
48MHz(FS3)*
VDD48
VDDSDR
SDRAM8
SDRAM9
GNDSDR
1
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS94201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94201YFLFT RENESAS-ICS94201YFLFT Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
More results

Similar Description - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9250-32 ICST-ICS9250-32 Datasheet
447Kb / 11P
Frequency Generator & Integrated Buffers for PII/III?
Rev B 9/7/00
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com