Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2192VL Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # 2192VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

2192VL Datasheet(HTML) 2 Page - Lattice Semiconductor

  2192VL Datasheet HTML 1Page - Lattice Semiconductor 2192VL Datasheet HTML 2Page - Lattice Semiconductor 2192VL Datasheet HTML 3Page - Lattice Semiconductor 2192VL Datasheet HTML 4Page - Lattice Semiconductor 2192VL Datasheet HTML 5Page - Lattice Semiconductor 2192VL Datasheet HTML 6Page - Lattice Semiconductor 2192VL Datasheet HTML 7Page - Lattice Semiconductor 2192VL Datasheet HTML 8Page - Lattice Semiconductor 2192VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications ispLSI 2192VL
2
Functional Block Diagram
Figure 1. ispLSI 2192VL Functional Block Diagram
The 2192VL contains 96 I/O cells. Each I/O cell is directly
connected to an I/O pin and can be individually pro-
grammed to be a combinatorial input, output or
bi-directional I/O pin with 3-state control, and the output
drivers can source 4mA or sink 8mA. Each output can be
programmed independently for fast or slow output slew
rate to minimize overall output switching noise. Device
pins can be safely driven to 3.3V signal levels to support
mixed-voltage systems.
Eight GLBs, 16 I/O cells, two dedicated inputs and an
ORP are connected together to make a Megablock (see
Figure 1). The outputs of the eight GLBs are connected
to a set of 16 universal I/O cells by the ORPs. Each ispLSI
2192VL device contains six Megablocks.
The GRP has as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 2192VL device are selected using
the dedicated clock pins. Three dedicated clock pins (Y0,
Y1, Y2) or an asynchronous clock can be selected on a
GLB basis. The asynchronous or Product Term clock can
be generated in any GLB for its own clock.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the
outputs of the ispLSI 2192VL are individually program-
mable, either as a standard totem-pole output or an
open-drain output. The totem-pole output drives the
specified Voh and Vol levels, whereas the open-drain
output drives only the specified Vol. The Voh level on the
open-drain output depends on the external loading and
pull-up. This output configuration is controlled by a pro-
grammable fuse. The default configuration is a totem-pole
configuration. The open-drain/totem-pole option is se-
lectable through the ispDesignEXPERT software tools.
Output Routing Pool (ORP)
B0
B1
B2
B3
B4
B5
B6
B7
Output Routing Pool (ORP)
C0
C1
C2
C3
C4
C5
C6
C7
Output Routing Pool (ORP)
F7
F6
F5
F4
F3
F2
F1
F0
Input Bus
Output Routing Pool (ORP)
E7
E6
E5
E4
E3
E2
E1
E0
Input Bus
A0
A1
A2
A3
A4
A5
A6
A7
Generic
Logic Blocks
(GLBs)
Megablock
Global
Routing
Pool
(GRP)
D7
D6
D5
D4
D3
D2
D1
D0
I/O
94
I/O
95
I/O
93
I/O
92
I/O
91
I/O
90
I/O
89
I/O
88
I/O
87
I/O
86
I/O
85
I/O
84
I/O
83
I/O
82
I/O
81
I/O
80
IN
11*
I/O
78
I/O
79
I/O
77
I/O
76
I/O
75
I/O
74
I/O
73
I/O
72
I/O
71
I/O
70
I/O
69
I/O
68
I/O
67
I/O
66
I/O
65
I/O
64
IN
9
IN
10
I/O
17
I/O
16
I/O
18
I/O
19
I/O
20
I/O
21
I/O
22
I/O
23
I/O
24
I/O
25
I/O
26
I/O
27
I/O
28
I/O
29
I/O
30
I/O
31
IN 3
I/O
33
I/O
32
I/O
34
I/O
35
I/O
36
I/O
37
I/O
38
I/O
39
I/O
40
I/O
41
I/O
42
I/O
43
I/O
44
I/O
45
I/O
46
Y0 Y1 Y2
I/O
47
IN 5*
IN4
IN 7/TCK
IN 6/TDO
I/O 63
I/O 62
I/O 61
I/O 60
I/O 59
I/O 58
I/O 57
I/O 56
I/O 55
I/O 54
I/O 53
I/O 52
I/O 51
I/O 50
I/O 49
I/O 48
I/O 0
I/O 1
I/O 2
I/O 3
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
TDI/IN 0
TMS/IN 1
I/O 4
I/O 5
BSCAN
RESET
Input Bus
Input Bus
2192VL Block.eps
IN
8
GOE 0
GOE 1
IN 2*
*Note: Dedicated Inputs 2, 5 and 11 are not available with 128-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com