Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SC4097RT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2SC4097RT1
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4097RT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  L2SC4097RT1 Datasheet HTML 1Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 2Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 3Page - Leshan Radio Company L2SC4097RT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
L2SC4097RT1-3/4
L2SC4097RT1
Electrical characteristic curves(TA = 25
°C)
500 1000
0.1
200
10
0.2
50
100
0.5
20
12
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : I
C
(mA)
Ta = 100
O C
75
O C
50
O C
25
O C
0
O C
25
O C
50
O C
VCE
= 3V
Fig.5
DC current gain vs. collector current
Fig.6 Gain bandwidth product vs. emitter current
EMITTER CURRENT : I
E
(mA)
Ta = 25
O
C
V CE = 5V
0.5
1
2
5
10
20
50
50
100
200
500
0.5
1
2
5
1 0
2 0
5 0
5
2
10
20
50
Cib
Cob
Ta = 25
O
C
f= 1MHz
IE =0A
IC = 0A
COLLECTOR TO BASE VOLTAGE : V
CE
(V)
EMITTER TO BASE VOLTAGE: V
EB
(V)
Fig.7
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com