Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB84604 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB84604
Description  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB84604 Datasheet HTML 24Page - Microchip Technology USB84604 Datasheet HTML 25Page - Microchip Technology USB84604 Datasheet HTML 26Page - Microchip Technology USB84604 Datasheet HTML 27Page - Microchip Technology USB84604 Datasheet HTML 28Page - Microchip Technology USB84604 Datasheet HTML 29Page - Microchip Technology USB84604 Datasheet HTML 30Page - Microchip Technology USB84604 Datasheet HTML 31Page - Microchip Technology USB84604 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
USB84604
DS60001295C-page 28
 2014-2016 Microchip Technology Inc.
6.2.1.2
SPI Access over USB
Access to an attached SPI device is performed as a pass-through operation from the USB Host. The device firmware
has no knowledge of the operation of the attached SPI device. The supported commands can be found on our web site
at www.microchip.com. Refer to the product page of the USB84604.
6.2.1.3
OTP Access over USB
The OTP ROM in the device is accessible via the USB bus. All OTP parameters can be modified via the USB Host. The
OTP operates in Single-Ended mode. The supported commands can be found on our web site at www.microchip.com.
Refer to the product page of the USB84604.
Note:
Refer to Section 7.1, "SPI Interface," on page 31 for additional information on the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com