Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB82640 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology USB82640 Datasheet HTML 20Page - Microchip Technology USB82640 Datasheet HTML 21Page - Microchip Technology USB82640 Datasheet HTML 22Page - Microchip Technology USB82640 Datasheet HTML 23Page - Microchip Technology USB82640 Datasheet HTML 24Page - Microchip Technology USB82640 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 21
USB82640
7.0
CONFIGURATION OPTIONS
7.1
Hub
Microchip’s USB 2.0 hub is fully compliant with the Universal Serial Bus 2.0 Specification [1]. See Chapter 11 (Hub
Specification) for general details regarding hub operation and functionality.
The hub provides 1 Transaction Translator (TT) that is shared by both downstream ports defined as a single-TT config-
uration. The TT contains 4 non-periodic buffers.
7.1.1
HUB CONFIGURATION OPTIONS
The Microchip hub supports a large number of features (some are mutually exclusive), and must be configured in order
to correctly function when attached to a USB host controller. There are two principal ways to configure the hub:
• internal default settings
• use settings stored on an external EEPROM or SPI Flash device
7.1.1.1
Power Switching Polarity
The hub will only support active high power controllers.
7.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification [1], a downstream port can never provide power to its D+ or D-
pull-up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the hub
monitors the state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes
from an active to an inactive state (not powered), the hub will remove power from the D+ pull-up resistor within 10 sec-
onds.
7.2
Card Reader
The Microchip USB82640 is fully compliant with the following flash media card reader specifications:
• Secure Digital 2.0/MultiMediaCard Specification 4.2
- SDSC, SDHC
- TransFlashTM and reduced form factor media
- 1/4/8 bit MMC 4.2
- Supports storage addressability of up to 2 TB
• Memory Stick Specification 1.43
• Memory Stick PRO Format Specification 1.02
• Memory Stick PRO-HG Duo Format Specification 1.01
- Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
7.3
System Configurations
7.3.1
EEPROM/SPI INTERFACE
The USB82640 can be configured via a 2-wire (I2C) EEPROM (512x8) or an external SPI flash device containing the
firmware for the USB82640. If an external configuration device (NVSTORE) does not exist, the internal default values
will be used. If one of the external devices is used for configuration, the OEM can update the values through the USB
interface.
The USBDM tool set is available in the Hub Card reader combo software release package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com