Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5734 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB5734
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB5734 Datasheet HTML 16Page - Microchip Technology USB5734 Datasheet HTML 17Page - Microchip Technology USB5734 Datasheet HTML 18Page - Microchip Technology USB5734 Datasheet HTML 19Page - Microchip Technology USB5734 Datasheet HTML 20Page - Microchip Technology USB5734 Datasheet HTML 21Page - Microchip Technology USB5734 Datasheet HTML 22Page - Microchip Technology USB5734 Datasheet HTML 23Page - Microchip Technology USB5734 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
USB5734
DS00001854D-page 20
 2015-2016 Microchip Technology Inc.
3.4.5.1
Configuration 1 - Mixed Mode
When the CFG_STRAP is configured to this mode, the programmable function pins (PROG_FUNC[7:1]) are set to pro-
vide an SMBus/I2C interface, 3 GPIOs, and FlexConnect capabilities. Table 3-16 details the PROG_FUNC[7:1] pin
assignments in this mode.
TABLE 3-16:
CONFIGURATION 1 PROG_FUNC[7:1] FUNCTION ASSIGNMENT
Pin
Function
Buffer
Type
Description
PROG_FUNC1
GPIO1
I/O12
General Purpose Input/Output 1
PROG_FUNC2
GPIO2
I/O6
General Purpose Input/Output 2
PROG_FUNC3
GPIO3
I/O12
General Purpose Input/Output 3
PROG_FUNC4
SMDAT
OD12
SMBus/I2C Data
The SMBus/I2C interface acts as SMBus slave or I2C bridge
dependent on the device configuration. Refer to Section 3.4.1,
"SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])".
PROG_FUNC5
SMCLK
OD12
SMBus/I2C Clock
The SMBus/I2C interface acts as SMBus slave or I2C bridge
dependent on the device configuration. Refer to Section 3.4.1,
"SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])".
PROG_FUNC6
FLEXCMD
IS
FlexConnect Control
0: Normal Operation (Port 0 upstream, Port 1 downstream)
1: Flex Operation (Port 1 upstream, Port 0 downstream)
Note:
Refer to Section 8.2, "FlexConnect" for additional
information.
PROG_FUNC7
USB2_SUSP_IND
O10
USB2.0 Suspend Indicator
USB2_SUSP_IND can be used as a sideband remote wakeup
signal for the host when in USB2.0 suspend.
Note:
Refer to Section 8.5, "Remote Wakeup Indicator"
for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com