Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5532B Datasheet(PDF) 32 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 28Page - Microchip Technology USB5532B_15 Datasheet HTML 29Page - Microchip Technology USB5532B_15 Datasheet HTML 30Page - Microchip Technology USB5532B_15 Datasheet HTML 31Page - Microchip Technology USB5532B_15 Datasheet HTML 32Page - Microchip Technology USB5532B_15 Datasheet HTML 33Page - Microchip Technology USB5532B_15 Datasheet HTML 34Page - Microchip Technology USB5532B_15 Datasheet HTML 35Page - Microchip Technology USB5532B_15 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 32
USB5532B
5.5.4.1
Special Command Example
The following example shows how to read the Charger Detection register to find out what type of charger the hub has
connected to:
1.
First write data to the memory of the hub
.
2.
After the data is written, execute the Configuration Register Access command
.
3.
Finally, read back data starting at memory offset 04h, which is where the Data byte starts
.
Although the device can send out 128 bytes of memory data, it isn’t necessary to read the entire set, the SMBus Master
can send a stop at any time.
TABLE 5-4:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
03h
Number of bytes to write to memory.
4
80h
Get Port Device Status.
5
00h
Reading one data bytes.
6
1Fh
Read all ports.
TABLE 5-5:
CONFIGURATION REGISTER ACCESS COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
99h
Command 993Eh.
2
3Eh
Command 993Eh.
3
00h
Command Completion.
TABLE 5-6:
EXAMPLE SMBUS READ COMMAND
Byte
Value
Comments
0
5Ah
Address plus Write bit.
1
00h
Memory Address 0004h.
2
03h
Memory Address 0004h.
0
59h
Address plus Read bit.
1
80h
Device sends 128 bytes of data.
2
03h
Upstream Connection Status. (SS and HS)
3
02h
Port 1 Connection Status. (HS/FS/LS Only)
4
01h
Port 2 Connection Status. (SS Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com