Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3250-ABZJ Datasheet(PDF) 34 Page - Microchip Technology

Part # USB3250-ABZJ
Description  Hi-Speed USB Device Transceiver with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3250-ABZJ Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB3250-ABZJ Datasheet HTML 30Page - Microchip Technology USB3250-ABZJ Datasheet HTML 31Page - Microchip Technology USB3250-ABZJ Datasheet HTML 32Page - Microchip Technology USB3250-ABZJ Datasheet HTML 33Page - Microchip Technology USB3250-ABZJ Datasheet HTML 34Page - Microchip Technology USB3250-ABZJ Datasheet HTML 35Page - Microchip Technology USB3250-ABZJ Datasheet HTML 36Page - Microchip Technology USB3250-ABZJ Datasheet HTML 37Page - Microchip Technology USB3250-ABZJ Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
USB3250
DS00002142A-page 34
2013 - 2016 Microchip Technology Inc.
Note 8-3
T0 may be up to 4ms after HS Reset T0.
Note 8-4
The SIE must use LINESTATE to detect the downstream port chirp sequence.
FIGURE 8-5:
HS DETECTION HANDSHAKE TIMING BEHAVIOR (HS MODE)
TABLE 8-7:
RESET TIMING VALUES
Timing Parameter
Description
Value
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device asserts Chirp K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1 ms minimum
width.
T0 + 1.0ms < T2 < HS Reset T0 +
7.0ms
T3
Downstream facing port asserts Chirp K on the bus.
T2 < T3 < T2+100µs
T4
Downstream facing port toggles Chirp K to Chirp J on
the bus.
T3 + 40µs < T4 < T3 + 60µs
T5
Downstream facing port toggles Chirp J to Chirp K on
the bus.
T4 + 40µs < T5 < T4 + 60µs
T6
Device detects downstream port chirp.
T6
T7
Chirp detected by the device. Device removes DP pull-
up and asserts HS terminations, reverts to HS default
state and waits for end of reset.
T6 < T7 < T6 + 500µs
T8
Terminate host port Chirp K-J sequence (Repeating T4
and T5)
T9 - 500µs < T8 < T9 - 100µs
T9
The earliest time at which host port may end reset. The
latest time, at which the device may remove the DP
pull-up and assert the HS terminations, reverts to HS
default state.
HS Reset T0 + 10ms
T1
T2
TXVALID
Downstream Facing
Port Chirps
Device
Chirp K
TERMSELECT
DP/DM
KJ
K
J
K
J
K
J
Device
Port
Chirp
SE0
SOF
XCVRSELECT
HS Mode
OPMODE 1
OPMODE 0
time
T0
T3
T4 T5
T6
T7
T8
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com