| Electronic Components Datasheet Search |
|
USB2524 Datasheet(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2524 Datasheet(HTML) 43 Page - Microchip Technology |
|
43 / 58 page ![]() 2013 - 2016 Microchip Technology Inc. DS00001588B-page 43 USB2524 9.0 RESET 9.1 Reset There are two different resets that the Hub experiences. One is a hardware reset (via the RESET_N pin) and the second is a USB Bus Reset. 9.1.1 EXTERNAL HARDWARE RESET_N A valid hardware reset is defined as, assertion of RESET_N for a minimum of 1us after all power supplies are within operating range. While reset is asserted, the Hub (and its associated external circuitry) consumes less than 500 A of current from the upstream USB power source (300 A for the Hub and 200A for the external circuitry). Assertion of RESET_N (external pin) causes the following: • All downstream ports are disabled, and PRTPWR power to downstream devices is removed. • The PHYs are disabled, and the differential pairs will be in a high-impedance state. • All transactions immediately terminate; no states are saved. • All internal registers return to the default state (in most cases, 00(h)). • The external crystal oscillator is halted. • The PLL is halted. • LED indicators are disabled. The Hub is “operational” 500 s after RESET_N is negated. Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the SMBus option is not disabled) or the internal ROM. 9.1.1.1 RESET_N for Strapping Option Configuration FIGURE 9-1: RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE t1 t4 t5 t6 t7 t8 Valid Don’t Care Don’t Care Driven by Hub if strap is an output. RESET_N VSS Strap Pins VSS Hardware reset asserted Read Strap Options Drive Strap Outputs to inactive levels Attach USB Upstream USB Reset recovery Idle Start completion request response t2 t3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |