Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2513Bi-AEZG Datasheet(PDF) 46 Page - Microchip Technology

Part # USB2513Bi-AEZG
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2513Bi-AEZG Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB2513Bi-AEZG Datasheet HTML 42Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 43Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 44Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 45Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 46Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 47Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 48Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 49Page - Microchip Technology USB2513Bi-AEZG Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
USB251xB/xBi
DS00001692C-page 46
2010 - 2015 Microchip Technology Inc.
8.0
PACKAGE MARKING INFORMATION
The following sub-sections detail the package marking information for the 36-pin SQFN and 36-pin QFN packages. To
order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
8.1
36-Pin SQFN (Preferred)
*
Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
x
USB251xB version (2 = 2-port, 3 = 3-port, 4 = 4-port)
i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
V
Plant of assembly
COO Country of origin
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
Example
PIN 1
USB251xBi
Rnnn e3
VCOO
YYWWNNN
e3
PIN 1
USB2514Bi
D000 e3
ASETW
1501123
e3
36-Lead SQFN (6x6x0.9 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com