Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1642B Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1642B
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642B Datasheet(HTML) 2 Page - Microchip Technology

  MCP1642B Datasheet HTML 1Page - Microchip Technology MCP1642B Datasheet HTML 2Page - Microchip Technology MCP1642B Datasheet HTML 3Page - Microchip Technology MCP1642B Datasheet HTML 4Page - Microchip Technology MCP1642B Datasheet HTML 5Page - Microchip Technology MCP1642B Datasheet HTML 6Page - Microchip Technology MCP1642B Datasheet HTML 7Page - Microchip Technology MCP1642B Datasheet HTML 8Page - Microchip Technology MCP1642B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP1642B/D
DS20005253A-page 2
 2014 Microchip Technology Inc.
Typical Application
VIN
GND
VFB
VOUT
5.0V
COUT
4.7...10 µF
CIN
4.7...10 µF
L
4.7 µH
SW
976 k
309 k
EN
VOUT
+
-
1M
PG
ON
OFF
To PIC MCU I/O
+
-
RTOP
RBOT
RPG
VIN
GND
VOUT
3.3V
COUT
4.7...10 µF
CIN
4.7...10 µF
L1
4.7 µH
SW
EN
VOUT
+
-
PG
ON
OFF
NC
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
OUT (mA)
V
IN = 2.5V, VOUT = 5.0V
V
IN = 1.2V, VOUT = 3.3V
MCP1642B-33
MCP1642D-ADJ
From PIC® MCU I/O
VIN= 0.9 to 1.6V
VIN= 1.8 to 3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com