Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79400 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP79400
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP79400 Datasheet HTML 35Page - Microchip Technology MCP79400 Datasheet HTML 36Page - Microchip Technology MCP79400 Datasheet HTML 37Page - Microchip Technology MCP79400 Datasheet HTML 38Page - Microchip Technology MCP79400 Datasheet HTML 39Page - Microchip Technology MCP79400 Datasheet HTML 40Page - Microchip Technology MCP79400 Datasheet HTML 41Page - Microchip Technology MCP79400 Datasheet HTML 42Page - Microchip Technology MCP79400 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 39
MCP79400/MCP79401/MCP79402
6.2.4
ACKNOWLEDGE POLLING
Since the device will not acknowledge an EEPROM
control byte during an internal EEPROM write cycle,
this can be used to determine when the cycle is
complete. This feature can be used to maximize bus
throughput. Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally timed write cycle. ACK polling
can be initiated immediately. This involves the master
sending a Start condition, followed by the control byte
for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, then the Start bit and control byte
must be resent. If the cycle is complete, then the device
will return the ACK, and the master can then proceed
with the next Read or Write command. See Figure 6-7
for the flow diagram.
FIGURE 6-7:
ACKNOWLEDGE
POLLING FLOW
Send EEPROM
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO*
YES
Note*:
For added system robustness, implement
time-out checking to avoid a potential infinite loop.
Note:
For added systems robustness, it is
recommended that time-out functionality
be implemented in the acknowledge
polling routine to avoid potentially hanging
the system by entering an infinite loop.
This can easily be done by designing in a
maximum number of loops the routine will
execute, or through the use of a hardware
timer.
If a time out occurs, polling should be
aborted by sending a Stop condition. A
user-generated error-handling routine can
then be called, allowing the system to
recover in a manner appropriate for the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com