Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN88730 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN88730
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN88730 Datasheet HTML 28Page - Microchip Technology LAN88730 Datasheet HTML 29Page - Microchip Technology LAN88730 Datasheet HTML 30Page - Microchip Technology LAN88730 Datasheet HTML 31Page - Microchip Technology LAN88730 Datasheet HTML 32Page - Microchip Technology LAN88730 Datasheet HTML 33Page - Microchip Technology LAN88730 Datasheet HTML 34Page - Microchip Technology LAN88730 Datasheet HTML 35Page - Microchip Technology LAN88730 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
LAN88730
DS60001256B-page 32
2012-2015 Microchip Technology Inc.
3.7.4
nINTSEL: nINT/TXER/TXD4 CONFIGURATION
The nINT, TXER, and TXD4 functions share a common pin. There are two functional modes for this pin, the TXER/TXD4
mode and nINT (interrupt) mode. The nINTSEL configuration strap is latched at POR and on the rising edge of the nRST.
By default, nINTSEL is configured for nINT mode via the internal pull-up resistor.
3.8
Miscellaneous Functions
3.8.1
LEDS
Two LED signals are provided as a convenient means to indicate the transceiver's mode of operation. All LED signals
are either active high or active low as described in Section 3.8.1.1, "LED1 Polarity Selection" and Section 3.8.1.2, "nINT-
SEL and LED2 Polarity Selection".
The LED1 output is driven active whenever the device detects a valid link, and blinks when CRS is active (high) indicat-
ing activity.
The LED2 output is driven active when the operating speed is 100 Mbps. This LED will go inactive when the operating
speed is 10 Mbps or during line isolation.
3.8.1.1
LED1 Polarity Selection
The LED1 output will automatically change its polarity based on the presence of an external pull-up resistor. If the LED1
pin is pulled high to VDD2A by an external pull-up resistor, then the LED1 output will be active low. If the LED1 pin is
pulled low by the internal pull-down resistor, the LED1 output will then be an active high output. Figure 3-7 details the
LED1 polarity.
Note:
Because the nINTSEL configuration strap shares functionality with the LED2 pin, proper consideration
must also be given to the LED polarity. Refer to Section 3.8.1.2, "nINTSEL and LED2 Polarity Selection"
for additional information on the relation between nINTSEL and the LED2 polarity.
Note:
When pulling the LED1 and LED2 pins high, they must be tied to VDD2A, NOT VDDIO.
FIGURE 3-7:
LED1 POLARITY CONFIGURATION
LED1
~270
LED output = Active High
~270
VDD2A
LED output = Active Low
LED1
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com