Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP79402 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP79402
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 37Page - Microchip Technology MCP79402 Datasheet HTML 38Page - Microchip Technology MCP79402 Datasheet HTML 39Page - Microchip Technology MCP79402 Datasheet HTML 40Page - Microchip Technology MCP79402 Datasheet HTML 41Page - Microchip Technology MCP79402 Datasheet HTML 42Page - Microchip Technology MCP79402 Datasheet HTML 43Page - Microchip Technology MCP79402 Datasheet HTML 44Page - Microchip Technology MCP79402 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 41
MCP79400/MCP79401/MCP79402
6.3
Pre-Programmed EUI-48™ or
EUI-64™ Node Address
The MCP79401 and MCP79402 are programmed at
the factory with a globally unique node address stored
in the protected EEPROM block.
6.3.1
EUI-48™ NODE ADDRESS
(MCP79401)
The 6-byte EUI-48™ node address value of the
MCP79401 is stored in EEPROM locations 0xF2
through 0xF7, as shown in Figure 6-11. The first three
bytes are the Organizationally Unique Identifier (OUI)
assigned to Microchip by the IEEE Registration
Authority. The remaining three bytes are the Extension
Identifier, and are generated by Microchip to ensure a
globally-unique, 48-bit value.
6.3.1.1
EUI-64™ Support Using the
MCP79401
The pre-programmed EUI-48 node address of the
MCP79401 can easily be encapsulated at the
application level to form a globally unique, 64-bit node
address for systems utilizing the EUI-64 standard. This
is done by adding 0xFFFE between the OUI and the
Extension Identifier, as shown below
6.3.2
EUI-64™ NODE ADDRESS
(MCP79402)
The 8-byte EUI-64™ node address value of the
MCP79402 is stored in array locations 0xF0 through
0xF7, as shown in Figure 6-12. The first three bytes are
the Organizationally Unique Identifier (OUI) assigned
to Microchip by the IEEE Registration Authority. The
remaining five bytes are the Extension Identifier, and
are
generated
by
Microchip
to
ensure
a
globally-unique, 64-bit value.
FIGURE 6-11:
EUI-48 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE (MCP79401)
Note:
Currently,
Microchip's
OUIs
are
0x0004A3, 0x001EC0, 0xD88039 and
0x5410EC, though this will change as
addresses are exhausted.
Note:
As an alternative, the MCP79402 features
an EUI-64 node address that can be used
in EUI-64 applications directly without the
need
for
encapsulation,
thereby
simplifying
system
software.
See
Figure 6-12 for details.
Note:
Currently,
Microchip's
OUIs
are
0x0004A3, 0x001EC0, 0xD88039 and
0x5410EC, though this will change as
addresses are exhausted.
Note:
In conformance with IEEE guidelines,
Microchip will not use the values 0xFFFE
and 0xFFFF for the first two bytes of the
EUI-64 Extension Identifier. These two
values are specifically reserved to allow
applications
to
encapsulate
EUI-48
addresses into EUI-64 addresses.
F2h
F7h
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-48™ Node Address:
00-04-A3-12-34-56
Description
Data
Array
Address
Corresponding EUI-64™ Node Address After Encapsulation:
00-04-A3-FF-FE-12-34-56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com