| Electronic Components Datasheet Search |
|
SST25VF080B Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF080B Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 32 page ![]() 2015 Microchip Technology Inc. DS20005045C-page 3 SST25VF080B 2.0 PIN DESCRIPTION FIGURE 2-1: PIN ASSIGNMENTS TABLE 2-1: PIN DESCRIPTION Symbol Pin Name Functions SCK Serial Clock To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. SI Serial Data Input To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock. SO Serial Data Output To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. Outputs Flash busy status during AAI Programming when reconfigured as RY/BY# pin. See “Hardware End-of-Write Detection” on page 10 for details. CE# Chip Enable The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence. WP# Write Protect The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register. HOLD# Hold To temporarily stop serial communication with SPI flash memory without resetting the device. VDD Power Supply To provide power supply voltage: 2.7-3.6V for SST25VF080B VSS Ground 1 2 3 4 8 7 6 5 CE# SO WP# VSS VDD HOLD# SCK SI Top View 1296 08-soic S2A P1.0 1 2 3 4 8 7 6 5 CE# SO WP# VSS Top View VDD HOLD# SCK SI 1296 08-wson QA P2.0 8-lead SOIC 8-contact WSON CE# SO WP# VSS VDD HOLD# SCK SI Top View 1296 08-pdip-PA-P3.0 8-lead PDIP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |