Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3303M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3303M
Description  Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3303M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3303M Datasheet HTML 1Page - National Semiconductor (TI) LM3303M Datasheet HTML 2Page - National Semiconductor (TI) LM3303M Datasheet HTML 3Page - National Semiconductor (TI) LM3303M Datasheet HTML 4Page - National Semiconductor (TI) LM3303M Datasheet HTML 5Page - National Semiconductor (TI) LM3303M Datasheet HTML 6Page - National Semiconductor (TI) LM3303M Datasheet HTML 7Page - National Semiconductor (TI) LM3303M Datasheet HTML 8Page - National Semiconductor (TI) LM3303M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM3303 and LM3403 (Continued)
Electrical Characteristics TA e 25 C VCC e g15V unless otherwise specified
The following specifications apply for b40 C s TA s a85 C for the LM3303 and 0 C s TA s a70 C for the LM3403
Symbol
Parameter
Conditions
LM3303
LM3403
Units
Min
Typ
Max
Min
Typ
Max
VIO
Input Offset Voltage
10
10
mV
D
VIO DT
Input Offset Voltage
10
10
m
V C
Temperature Sensitivity
IIO
Input Offset Current
250
200
nA
D
IIO DT
Input Offset Current
50
50
pA C
Temperature Sensitivity
IIB
Input Bias Current
1000
800
nA
AVS
Large Signal Voltage Gain
VO e g10V
15
15
VmV
RL t 20 kX
VOP
Output Voltage Swing
RL e 20 kX
g
10
g
10
V
LM3303 and LM3403
Electrical Characteristics TA e 25 C Vae 50V Vbe GND unless otherwise specified
Symbol
Parameter
Conditions
LM3303
LM3403
Units
Min
Typ
Max
Min
Typ
Max
VIO
Input Offset Voltage
80
20
80
mV
IIO
Input Offset Current
75
30
50
nA
IIB
Input Bias Current
500
200
500
nA
ICC
Supply Current
25
70
25
70
mA
PSRR
Power Supply
150
150
m
VV
Rejection Ratio
AVS
Large Signal Voltage Gain
RL t 20 kX
20
200
20
200
VmV
VOP
Output Voltage Swing
RL e 10 kX
33
33
(Note 5)
50V s Va s 30V
(Va)(Va)
V
RL e 10 kX
b
20
b
20
CS
Channel Separation
10 Hz s f s 20 kHz
b
120
b
120
dB
(Input Referenced)
Note 1
TJ Max e 150 C for the Molded DIP and SO-14 and 175 C for the Ceramic DIP
Note 2
Ratings apply to ambient temperature at 25 C Above this temperature derate the 14L-Ceramic DIP at 91 mW C the 14L-Molded DIP at 83 mW C and
the SO-14 at 75 mW C
Note 3
For supply voltage less than 30V between Va and Vb the absolute maximum input voltage is equal to the supply voltage
Note 4
Not to exceed maximum package power dissipation
Note 5
Output will swing to ground
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com