Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5690 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5690
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5690 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5690 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5690 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5690 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5690 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5690
No.6896-3/4
0
0
20
40
60
80
100
120
140
160
3.0
3.5
0.5
1.0
1.5
2.0
2.5
No
heat
sink
IT02898
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Reverse Bias A S O
Forward Bias A S O
Collector Current, IC -- A
SW Time -- IC
SW Time -- IB2
Base Current, IB2 -- A
Ambient Temperature, Ta --
°C
PC -- Ta
Case Temperature, Tc --
°C
PC -- Tc
0
0
20
40
60
80
100
120
140
160
10
20
30
40
50
60
90
70
80
85
IT02894
IT02896
IT02897
IT02899
0.01
0.1
1.0
10
100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
1.0
2
3
5
7
1.0
10
0.1
100
23
23
57
1000
10
100
1000
35 7
23
5 7
23
5 7
2
2
3
5
7
100
2
3
5
7
L=500
µH
IB2= --3A
Tc=25
°C
Single pulse
IT02895
ICP=35A
IC=15A
P
C =85W
Tc=25
°C
Single pulse
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
10
23
7
5
23
23
7
VCC=200V
IC / IB1=5
IB2 / IB1=2
R load
tstg
tf
0.1
1.0
10
0.1
7
5
3
2
7
5
3
2
5
1.0
10
23
7
5
23
7
tstg
VCC=200V
IC=7A
IB1=1.4A
R load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com