Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740Ai-EN Datasheet(PDF) 129 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 129 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 125Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 126Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 127Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 128Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 129Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 130Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 131Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 132Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 136 page
background image
 2013-2015 Microchip Technology Inc.
DS00001987A-page 129
LAN8740A/LAN8740Ai
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
3.40
3.40
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.90
Contact Pad Length (X32)
Contact Pad Width (X32)
Y1
X1
0.85
0.30
Microchip Technology Drawing C04-2160C SQFN
NOM
32-Lead Very Thin Plastic Quad Flat, No Lead Package (MQ) - 5x5mm Body [VQFN]
SILK SCREEN
C1
Contact Pad Spacing
4.90
Contact Pad to Center Pad (X32)
G1
0.33
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SMSC LEGACY SQFN
Contact Pad to Contactr Pad (X28)
G2
0.20
1
2
32
C1
C2
EV
EV
X2
Y2
E
X1
Y1
G1
G2
ØV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com