Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3352 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) LM3352 Datasheet HTML 10Page - National Semiconductor (TI) LM3352 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Typical Application Circuits (Continued)
Layout Considerations
Due to the 1 MHz typical switching frequency of the LM3352,
careful board layout is a must. It is important to place the ca-
pacitors as close to the IC as possible and to keep the traces
between the capacitors and the IC short and direct. Use of a
ground plane is recommended.
Figure 4 shows a typical lay-
out as used in the LM3352 evaluation board.
DS101037-15
FIGURE 3. Low Output Noise and Ripple Buck/Boost Regulator
DS101037-16
FIGURE 4. Typical Layout, Top View (magnification 2.8X)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com