Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92213 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX92213
Description  MicroPower & Low-Voltage Hall Effect Latch with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92213 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX92213 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92213 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
390109221302
Rev 003
1 Functional Diagram
2 General Description
The MLX92213 Micropower Low-V
Hall effect sensor IC is fabricated in
CMOS
technology.
It
incorporates
Correlated Double Sampling (CDS)
provide accurate and stable magne
points.
In order to save power, the internal
alternates
Awake
and
Sleep
m
significantly reducing the power cons
magnetic flux density is periodica
against predefined thresholds. If the f
above/below the BOP/BRP
threshol
Output changes its state accordingl
Sleep mode the Output is latched in
ML
MicroPower &
Hall Effect Latch
Page 2 of 10
Voltage Latch
mixed signal
ates
advanced
techniques to
agnetic switching
l Timing Logic
modes,
thus
sumption. The
ally evaluated
flux density is
ds, then the
ly. During the
n its previous
state.
The
design
has
been
applications requiring extended
in battery-powered systems.
flexibility by enabling exter
Micropower Period and Duty C
The Push-pull Output of the
latched in Low state in the
sufficiently strong South magn
facing the marked side of
Output will be latched in
presence of a sufficiently str
field (B < BRP).
LX92213
& Low-Voltage
atch with Enable
Data Sheet
Mar/12
been
optimized
for
nded operating lifetime
The EN pin adds
rnal control of the
Cycle.
the MLX92213 will be
the presence of a
agnetic field (B > BOP)
of the package. The
High state in the
rong North magnetic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com