Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1583660-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1583660-2
Description  Hydraulic Crimping Head
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1583660-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1583660-2 Datasheet HTML 1Page - Tyco Electronics 1583660-2 Datasheet HTML 2Page - Tyco Electronics 1583660-2 Datasheet HTML 3Page - Tyco Electronics 1583660-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408--8915
Hydraulic Crimping Head 1752788--1
Rev B
2
of 4
Tyco Electronics Corporation
If crimping head must be removed after being in
production, pressure must be released in the
hydraulic system before head is removed.
-- If using Electric Hydraulic Pump 1583660--[ ],
DISCONNECT POWER UNIT FROM POWER
SUPPLY.
-- If using Foot Hydraulic Pump 1583659--1,
depress pressure release pedal, or if using Hand
Hydraulic Pump 1583661--1, activate the
pressure release knob.
4. DIE INSERTION AND REMOVAL (Figure 2)
Avoid personal injury. When using power unit,
exercise caution to avoid accidently depressing
foot pedal or hand control when installing or
changing dies.
Make sure that matched die set, terminal, and wire
size are compatible. With crimping head properly
installed, refer to die set instructions, and
insert/change die set as follows:
1. Remove latch pin and open yoke on crimping
head.
2. Loosen setscrew in yoke. Refer to die set
instructions and insert stationary (upper) die which
includes the nest area into well of yoke. Tighten
setscrew.
3. Activate power unit to advance ram until
setscrew is visible (about 12.7 mm [.50 in.]).
Loosen setscrew.
4. Insert moving (lower) die, which serves as the
indenter, into ram well, making sure that moving
die is properly oriented to mate with stationary die.
Tighten setscrew.
5. Close yoke and secure with latch pin.
6. Slowly close dies to ensure proper alignment.
7. Complete the cycle and return the ram to the
DOWN position.
Always ensure that latch pin is fully inserted or
damage may occur to yoke, dies, or latch pin.
5. CRIMPING PROCEDURE
Avoid personal injury. When operating power unit,
exercise caution while holding terminals, splices,
or wire near crimping area.
Figure 2
Stationary/Upper
Die
Moving/Lower
Die
Latch Pin
Removed
Ram
Advanced
Ram Setscrew
Yoke
Setscrew
The following crimping procedure provides general
information. Refer to instructions packaged with
individual die sets for specific products, wire sizes,
strip dimensions, positioning of terminals and splices
in the dies, and crimping procedures.
Never operate the power unit without having a
crimping head attached to the hose.
1. Insert terminal or splice in the stationary (upper)
dieaccordingtoinstructions packagedwiththe
dies. Make sure the latch pin is secure before
activating the power unit.
2. Slowly advance moving (lower) die with short,
quick strokes until terminal or splice is secure.
3. Insert the stripped wire.
4. Cycle tool to complete crimp. Remove crimped
terminal or splice.
If the splice or terminal sticks in the die after
crimping, apply a rocking action to remove it from
the die.
6. MAINTENANCE AND INSPECTION
Make sure hydraulic pressure is released and
power supply is disconnected before following
inspection and maintenance procedures, unless
otherwise specified in the procedure.
NOTE
i
DANGER
CAUTION
!
DANGER
CAUTION
!
NOTE
i
DANGER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com