Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDINSPECTFLASHLIGHT15 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTFLASHLIGHT15
Description  Type of protection: IP20
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTFLASHLIGHT15 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTFLASHLIGHT15 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTFLASHLIGHT15 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTFLASHLIGHT15 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ Rechargeable LED inspection luminaire with small, compact design
_ Excellent illumination thanks to long-lasting high intensity LEDs
Product features
_ Voltage: 3.6 V
_ Wattage: 0.5 W
_ Type of protection: IP20
_ Impact resistance: IK07
_ Rechargeable 3.6 V 80 mAh NiMH battery
_ Equipped with a high-quality, long-lasting 0.5 W LED
_ Available with color temperature: 6,500 K, 7,500 K
_ Intense white light
_ Luminous flux: 15 lm
_ Operation time of battery: up to 1.5 h
_ Charge time of battery: up to 2 h
_ Rechargeable via 12 V cigarette lighter
Product datasheet
INSPECTION LAMP
LEDinspect FLASHLIGHT 15 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles at home
__
December 12, 2016, 10:04:18
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTFLASHLIGHT15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTHEADLAMP300 OSRAM-LEDINSPECTHEADLAMP300 Datasheet
117Kb / 3P
Integrated battery storage
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
Equipped with eight high-quality, long-lasting LEDs
LEDINSPECTPOCKET160 OSRAM-LEDINSPECTPOCKET160 Datasheet
126Kb / 3P
Rechargeable 3.7 V 1,500 mAh Li-ion battery
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
High-quality aluminum housing
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
More results

Similar Description - LEDINSPECTFLASHLIGHT15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FL-SWITCH-7008-EIP PHOENIX-FL-SWITCH-7008-EIP Datasheet
197Kb / 5P
Managed Switch 7000, 8 RJ45 ports 10/100 Mbps, degree of protection: IP20, EtherNet/IP?
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
IP65 degree of protection (front) IP20 degree of protection (back)
2741671 PHOENIX-2741671 Datasheet
107Kb / 3P
Digital input/output module, degree of protection IP20, 4 digital inputs, 24 V DC, COMBICON plugs included
logo
Weidmuller
2665820000 WEIDMULLER-2665820000 Datasheet
142Kb / 3P
Industrial PC, IP20
November 4, 2021
logo
PHOENIX CONTACT
1416131 PHOENIX-1416131 Datasheet
115Kb / 6P
Network cable - VS-IP20-IP20-93B-LI/2,0
09/11/2020
1404347 PHOENIX-1404347 Datasheet
324Kb / 8P
VS-IP20-IP20-93E/0,3 - Network cable
1404356 PHOENIX-1404356 Datasheet
335Kb / 8P
VS-IP20-IP20-94C/10 - Network cable
1404350 PHOENIX-1404350 Datasheet
330Kb / 9P
VS-IP20-IP20-93E/1,5 - Network cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com