Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDINSPECTPOCKET160 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDINSPECTPOCKET160
Description  Rechargeable 3.7 V 1,500 mAh Li-ion battery
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPOCKET160 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTPOCKET160 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPOCKET160 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPOCKET160 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ Rechargeable LED inspection luminaire in compact pocket size
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ No batteries needed
_ Keeps your hands free thanks to hook, magnet and 180° foldout foot
_ Easy charging via USB port and AC connection
Product features
_ Voltage: 3.7 V
_ Wattage: 0.5 W
_ Type of protection: IP44
_ Impact resistance: IK07
_ Rechargeable 3.7 V 1,500 mAh Li-ion battery
_ Equipped with 5 high-quality, long-lasting LEDs (0.5 W SMD)
_ Available with color temperature: 6,500 K, 7,500 K
_ Luminous flux: up to 160 lm (main light), up to 75 lm (torch light)
_ Belt clip and adjustable, 360° rotatable hook
_ Operation time of battery: up to 4 h (main light), up to 8 h (torch light)
_ Charge time of battery: 2…3 h
Product datasheet
INSPECTION LAMP
LEDinspect POCKET 160 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles at home
__
December 12, 2016, 10:04:16
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


Similar Part No. - LEDINSPECTPOCKET160

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
Equipped with eight high-quality, long-lasting LEDs
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
High-quality aluminum housing
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
LEDINSPECTPROPENLIGHT150 OSRAM-LEDINSPECTPROPENLIGHT150 Datasheet
144Kb / 3P
Rechargeable 800 mAh Li-polymer battery
LEDINSPECTPROPOCKET280 OSRAM-LEDINSPECTPROPOCKET280 Datasheet
146Kb / 3P
Charging indicator and battery status display
More results

Similar Description - LEDINSPECTPOCKET160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD3032 ETC1-PD3032 Datasheet
44Kb / 1P
Li-ion Rechargeable Battery
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
saftbatteries
28VLBB SAFT-28VLBB Datasheet
595Kb / 2P
Li-ion rechargeable military battery system
BB2847 SAFT-BB2847 Datasheet
401Kb / 2P
8 V Rechargeable Lithium-ion (Li-ion) battery
logo
OSRAM GmbH
LEDINSPECTPROPENLIGHT150 OSRAM-LEDINSPECTPROPENLIGHT150 Datasheet
144Kb / 3P
Rechargeable 800 mAh Li-polymer battery
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
RRC power solutions Ltd...
RRC3570 RRC-RRC3570 Datasheet
277Kb / 2P
Rechargeable Smart Battery Pack Li-Ion
logo
Renata AG SA
ICP401230UPR RENATA-ICP401230UPR Datasheet
101Kb / 1P
Rechargeable Lithium Ion Polymer Battery Pack 3.7 V Safety Circuit
Rev. ICP401230 V02 08/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com