Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP1ASTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 60Page - STMicroelectronics STGAP1ASTR Datasheet HTML 61Page - STMicroelectronics STGAP1ASTR Datasheet HTML 62Page - STMicroelectronics STGAP1ASTR Datasheet HTML 63Page - STMicroelectronics STGAP1ASTR Datasheet HTML 64Page - STMicroelectronics STGAP1ASTR Datasheet HTML 65Page - STMicroelectronics STGAP1ASTR Datasheet HTML 66Page - STMicroelectronics STGAP1ASTR Datasheet HTML 67Page - STMicroelectronics STGAP1ASTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Programming manual
STGAP1AS
64/70
DocID029344 Rev 2
9.2.10
DIAG1CFG and DIAG2CFG registers (low voltage side)
The DIAG1CFG register has the structure of Table 56.
The DIAG2CFG register has the structure of Table 57.
If a bit in the DIAG1CFG register is high, the corresponding fault events turn on the open
drain connected to the DIAG1 pin forcing the output low.
If a bit in the DIAG2CFG register is high and the DIAG_EN bit is high, the corresponding
fault events turn on the open drain connected to the DIAG2 pin forcing the output low.
Table 55. Check mode
Bit
Check mode
RCHK
SENSE resistor
SNSCHK
SENSE comparator
DESCHK
DESAT comparator
GONCHK
GON to gate path
GOFFCHK
GOFF to gate path
Table 56. DIAG1CFG register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
DIAG1_7
DIAG1_6
DIAG1_5
DIAG1_4
DIAG1_3
DIAG1_2
DIAG1_1 DIAG1_0
Default/reset
1
10110
1
0
Table 57. DIAG2CFG register
-
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
DIAG2_7
DIAG2_6
DIAG2_5
DIAG2_4
DIAG2_3
DIAG2_2
DIAG2_1
DIAG2_0
Default/reset
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com