Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F413RH Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F413RH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 91Page - STMicroelectronics STM32F413RH Datasheet HTML 92Page - STMicroelectronics STM32F413RH Datasheet HTML 93Page - STMicroelectronics STM32F413RH Datasheet HTML 94Page - STMicroelectronics STM32F413RH Datasheet HTML 95Page - STMicroelectronics STM32F413RH Datasheet HTML 96Page - STMicroelectronics STM32F413RH Datasheet HTML 97Page - STMicroelectronics STM32F413RH Datasheet HTML 98Page - STMicroelectronics STM32F413RH Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 207 page
background image
DocID029162 Rev 2
95/207
STM32F413xG/H
Electrical characteristics
174
Table 30. Typical and maximum current consumption in Sleep mode - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply
current in
Sleep mode
All peripherals enabled(2)(3),
External clock,
PLL ON,
Flash deep power down
100
21.6
22.97(4) 23.91
25.99
29.72
mA
84
17.4
18.50
19.59
21.42
25.09
64
12.0
12.81
13.87
15.73
19.00
50
9.5
10.15
11.33
13.22
16.44
25
5.2
5.79
7.11
8.82
12.18
20
4.6
5.17
6.41
8.28
11.48
All peripherals enabled(2)(3),
HSI, PLL OFF,
Flash deep power down
16
3.0
3.24
4.78
6.60
9.94
1
0.7
0.76
2.41
4.23
7.55
All peripherals enabled(2)(3),
External clock,
PLL ON Flash ON
100
22.0
23.42
24.45
26.41
30.24
84
17.7
18.91
19.98
21.85
25.56
64
12.4
13.17
14.30
16.07
19.48
50
9.8
10.48
11.72
13.53
16.90
25
5.5
6.05
7.41
9.11
12.55
20
4.9
5.42
6.72
8.57
11.89
All peripherals enabled(2)(3),
HSI, PLL ON, Flash ON
16
3.3
3.51
5.06
6.91
10.30
1
0.9
1.01
2.67
4.52
7.88
All peripherals disabled,
External clock,
PLL ON(2),
Flash deep power down
100
3.5
4.17
5.56
7.54
11.23
84
2.9
3.48
4.94
6.76
10.40
64
2.2
2.73
3.94
5.80
8.98
50
1.8
2.38
3.57
5.42
8.60
25
1.3
1.86
3.11
4.82
8.12
20
1.3
1.90
3.13
4.85
8.15
All peripherals disabled,
HSI, PLL OFF(2),
Flash deep power down
16
0.6
0.68
2.33
4.16
7.47
1
0.5
0.59
2.24
4.07
7.38
All peripherals disabled,
External clock,
PLL ON(2), Flash ON
100
4.0
4.54
5.97
8.09
11.74
84
3.3
3.87
5.32
7.19
10.84
64
2.5
3.04
4.33
6.15
9.47
50
2.2
2.69
3.93
5.82
9.04
25
1.6
2.13
3.37
5.20
8.46
20
1.6
2.16
3.39
5.22
8.48
All peripherals disabled,
HSI, PLL OFF(2), Flash ON
16
0.9
0.96
2.62
4.47
7.82
1
0.7
0.85
2.50
4.36
7.71
1. Based on characterization, not tested in production unless otherwise specified.
2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com