Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175145 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 175145
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175145 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 175145 Datasheet HTML 32Page - Tyco Electronics 175145 Datasheet HTML 33Page - Tyco Electronics 175145 Datasheet HTML 34Page - Tyco Electronics 175145 Datasheet HTML 35Page - Tyco Electronics 175145 Datasheet HTML 36Page - Tyco Electronics 175145 Datasheet HTML 37Page - Tyco Electronics 175145 Datasheet HTML 38Page - Tyco Electronics 175145 Datasheet HTML 39Page - Tyco Electronics 175145 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
113
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Clamp Kit (Wire-to-Board, Wire-to-Panel and Wire-to-Wire) (Continued)
AMP Dynamic Series Connectors
Mating Connectors
Panel/Free-hanging Type
Horizontal/Vertical Type
Cable Kit
Part Number 1473668-1
ŒŒ
Rec. Sub Assy.

Cover Housing
ŽŽ
Cable Clamp

Small Screw M3
10
Tab Housing
(Panel Type)
(Free-hanging Type)
Board Mounting Tab Header
(Horizontal Type)
(Vertical Type)
Tab Contact...............For each line of contacts, refer to the appropriate page
No. of
Part Number of Tab Housing
Board Mounting Tab Header
Pos.
Panel Type
Free-hanging Type
Horizontal Type
Vertical Type
3
1-353047-3
1-353046-3
1-353081-J
1-353082-J
Note: Enter the following plating codes in -J after Part Numbers:
-2 = 0.38 µm thick gold plating, -3 = 0.76 µm thick gold plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com