Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

178304 Datasheet(PDF) 35 Page - Tyco Electronics

Part # 178304
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

178304 Datasheet(HTML) 35 Page - Tyco Electronics

Back Button 178304 Datasheet HTML 31Page - Tyco Electronics 178304 Datasheet HTML 32Page - Tyco Electronics 178304 Datasheet HTML 33Page - Tyco Electronics 178304 Datasheet HTML 34Page - Tyco Electronics 178304 Datasheet HTML 35Page - Tyco Electronics 178304 Datasheet HTML 36Page - Tyco Electronics 178304 Datasheet HTML 37Page - Tyco Electronics 178304 Datasheet HTML 38Page - Tyco Electronics 178304 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
112
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Dyna-Clamp Kit (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
Product Lineup
This 3-position connector
was developed from the
Dynamic Connector 5200 as
its basis to realize low-cost
30 A class power distribution
for FA equipment. The exist-
ing contacts can be used,
which means the existing
production method such as
crimping tools or automatic
machines can be utilized
without any change.
Support for Obtaining UL,
TÜV Approvals
It is more favorable to
obtain UL and TÜV
approvals with this connec-
tor than with metal connec-
tors because of the
following reasons:
Made of Plastic
Because of the plastic con-
nector, ground wire at
power supply is not neces-
sary. This simplifies wirings
of FA equipment and leads
to lowering the total cost.
Sequential Structure
A sequential structure is
designed so that the ground
wire is always electrically
connected before power
lines.
Performance Characteristics
Voltage Rating — 6300 VAC
Current Rating — 30 A
Position — 3 pos.
Durability —
With 0.38 µm contact: 50 cycles
With 0.76 µm contact: 100 cycles
Applications
I
Power supply I/Os
among sub-units of
semiconductor producing
equipment
I
Power supply I/Os for
control panels
I
Power supply I/Os for
power control panels
I
Power supply I/Os for
robots
Most connectors mounted
outside of many pieces of
FA equipment are made of
metal because of their
robustness. Connectors
made of metal have a very
high performance level.
However, connectors
made of metal are more
costly than connectors
made of plastics.
Tyco Electronics has
added a cable clamp
function to the existing
Dynamic Series. With
this new design, the
robustness of Dynamic
Series connectors made
of plastic has been
improved remarkably.
This lower cost connector
can contribute to the total
cost reduction of end
products.
The ground mark is
embossed on the
connector housing so
that operators can see it.
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com