Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB20H04-JD Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB20H04-JD
Description  4-PORT USB2.0 HUB CONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB20H04-JD Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB20H04-JD Datasheet HTML 9Page - SMSC Corporation USB20H04-JD Datasheet HTML 10Page - SMSC Corporation USB20H04-JD Datasheet HTML 11Page - SMSC Corporation USB20H04-JD Datasheet HTML 12Page - SMSC Corporation USB20H04-JD Datasheet HTML 13Page - SMSC Corporation USB20H04-JD Datasheet HTML 14Page - SMSC Corporation USB20H04-JD Datasheet HTML 15Page - SMSC Corporation USB20H04-JD Datasheet HTML 16Page - SMSC Corporation USB20H04-JD Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
4-Port USB2.0 Controller
Datasheet
SMSC USB20H04
Page 13
Revision 1.63 (10-14-04)
DATASHEET
Table 4.3 - USB I/O Signals
NAME
BUFFER
TYPE
ACTIVE
LEVEL
DESCRIPTION
USBDP0
IO-U
N/A
Upstream USB Positive Data Pin.
USBDM0
IO-U
N/A
Upstream USB Negative Data Pin.
VBUSDET
IO8
N/A
Detects state of upstream VBUS power. When designing a detachable
hub, this pin must be connected to the VBUS power pin of the USB port
that is upstream of the hub.
For self-powered applications with a permanently attached upstream
host, this pin must be connected to either 3.3V or 5.0V (typically
VDD3.3).
The USB20H04 monitors VBUSDET to determine when to assert the
internal D+ pull-up resistor (signaling a connect event). When using the
SRP feature, it is necessary to add a 100k ohm resistor from this pin to
VSS in order to properly dissipate the upstream VBUS Pulse (pulsed with
an 8mA drive capability).
USBDP1
IO-U
N/A
USB Positive Data Pin to downstream port 1.
USBDM1
IO-U
N/A
USB Negative Data Pin to downstream port 1.
VBUS1_N
O8
Low
Enables power to downstream port 1.
OCS1_N
IPU
Low
Over-Current Sense input. Internal pull-up resistor to 3.3V.
GR1_N
OD8
Low
Enables green indicator to downstream port 1.
AM1_N
OD8
Low
Enables amber indicator to downstream port 1.
USBDP2
IO-U
N/A
USB Positive Data Pin to downstream port 2.
USBDM2
IO-U
N/A
USB Negative Data Pin to downstream port 2.
VBUS2_N
O8
Low
Enables power to downstream port 2.
OCS2_N
IPU
Low
Over-Current Sense input. Internal pull-up resistor to 3.3V.
GR2_N
OD8
Low
Enables green indicator to downstream port 2.
AM2_N
OD8
Low
Enables amber indicator to downstream port 2.
USBDP3
IO-U
N/A
USB Positive Data Pin to downstream port 3.
USBDM3
IO-U
N/A
USB Negative Data Pin to downstream port 3.
VBUS3_N
O8
Low
Enables power to downstream port 3.
OCS3_N
IPU
Low
Over-Current Sense input. Internal pull-up resistor to 3.3V.
GR3_N
OD8
Low
Enables green indicator to downstream port 3.
AM3_N
OD8
Low
Enables amber indicator to downstream port 3.
USBDP4
IO-U
N/A
USB Positive Data Pin to downstream port 4.
USBDM4
IO-U
N/A
USB Negative Data Pin to downstream port 4.
VBUS4_N
O8
Low
Enables power to downstream port 4.
OCS4_N
IPU
Low
Over-Current Sense input. Internal pull-up resistor to 3.3V.
GR4_N
OD8
Low
Enables green indicator to downstream port 4.
AM4_N
OD8
Low
Enables amber indicator to downstream port 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com