Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72005 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72005
Description  FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72005 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72005 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH72005
315MHz
FSK/ASK Transmitter
3901072005
Page 1 of 20
Data Sheet
Rev. 011
Jul/12
Features
Fully integrated PLL-stabilized VCO
Frequency range from 290 MHz to 350 MHz
Single-ended RF output
FSK through crystal pulling allows modulation
from DC to 40 kbit/s
High FSK deviation possible for wideband data
transmission
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5 V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +11 dBm
Adjustable current consumption from
3.2 mA to 10.3 mA
Conforms to EN 300 220 and similar standards
10-pin quad flat no lead (QFN) package)
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72005
K
LD
BAA-000
RE
TH72005
K
LD
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LD for QFN double
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72005KLD-BAA-000-RE
Application Examples
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Automatic Meter Reading (AMR)
Alarm and security systems
Garage door openers
Home and building automation
Low-power telemetry
Wireless access control
Pin Description
top view
O UT
VEE
VCC
V EE
PSEL
ENTX
FSKDTA
FSKSW
ROI
ASKDTA
General Description
The TH72005 FSK/ASK transmitter IC is designed for applications in the 315 MHz industrial-scientific-
medical (ISM) band. It can also be used for any other system with carrier frequencies ranging
from 290 MHz to 350 MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The
integrated PLL synthesizer ensures that each RF value, ranging from 290 MHz to 350 MHz, can be achieved
by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback
divider ratio.


Similar Part No. - TH72005

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
1Mb / 21P
315MHz FSK/ASK Transmitter
TH72005KLD MELEXIS-TH72005KLD Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
315MHz FSK/ASK Transmitter
More results

Similar Description - TH72005

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
UHF ASK/FSK TRANSMITTER
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_12 Datasheet
740Kb / 20P
FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com