Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8056 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # TH8056
Description  Enhanced Single Wire CAN Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8056 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button TH8056 Datasheet HTML 17Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 18Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 19Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 20Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 21Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 22Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 23Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 24Page - Melexis Microelectronic Systems TH8056 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TH8056
Enhanced Single Wire CAN Transceiver
TH8056 – Datasheet
Page 21 of 34
3901008056
June 2012
Rev 014
Assumptions:
VBAT = 26.5V
Rload = 6.49 kΩ
Network with 32 nodes
VCANH = 5.1V
IBAT = 6mA
D = 50%
Ta = 125°C
Θ
JA = 70k/W (Thermally enhanced SOIC14 package)
Computations:
Rload_net = 6.49kΩ / 32nodes = 203Ω
Iload = 5.1V / 203Ω = 25mA
Pload = 5.1V * 25mA * 0.5 = 64mW
PINT_a = (26.5V – 5.1V) * 25mA * 0.5 = 267mW
PINT_P = 26.5V * 6mA = 159mW
Ptot = 267mW + 159mW = 426mW
Tj = 125°C + 426mW * 70k/W = 155°C
The above calculation shows that under worst case conditions (max. operating voltage, max bus load, max
ambient temperature) the TH8056 with the thermally enhanced SOIC14 package operates below the thermal
limit. A stable functioning is possible up to these limits.
3.9.1.Thermal behaviour of TH8056 with SOIC8 – TH8056 KDC A8
The thermal impedance of an SOIC8 package is about twice in comparison to the thermally enhanced
SOIC14 package. Therefore the maximum power dissipation within this package is only about the half.
The using of the SOIC8 version of TH8056 depends on the network architecture (number of nodes), the
max. ambient temperature and the needed functionality (using of INH pin).
The following diagram shows the relationship between junction temperature, ambient temperature and
number of nodes, which have to be taken into account for using the SOIC8 version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com