Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G384 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G384
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G384 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G384 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G384 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
9397 750 12675
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 26 February 2004
13 of 22
Philips Semiconductors
74LVC1G384
Bilateral switch
Test data is given in Table 12.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
VEXT = Test voltage for switching times.
Fig 12. Load circuitry for switching times.
Table 12:
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns 30 pF
1 k
Ω
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns 30 pF
500
Ω
open
GND
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns 50 pF
500
Ω
open
GND
6.0 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns 50 pF
500
Ω
open
GND
6.0 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns 50 pF
500
Ω
open
GND
2
× VCC
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com