Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1720 Datasheet(PDF) 21 Page - SMSC Corporation

Part # PAC1720
Description  Dual High-Side Current Sense Monitor with Power Calculation
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PAC1720 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button PAC1720 Datasheet HTML 17Page - SMSC Corporation PAC1720 Datasheet HTML 18Page - SMSC Corporation PAC1720 Datasheet HTML 19Page - SMSC Corporation PAC1720 Datasheet HTML 20Page - SMSC Corporation PAC1720 Datasheet HTML 21Page - SMSC Corporation PAC1720 Datasheet HTML 22Page - SMSC Corporation PAC1720 Datasheet HTML 23Page - SMSC Corporation PAC1720 Datasheet HTML 24Page - SMSC Corporation PAC1720 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Dual High-Side Current Sense Monitor with Power Calculation
Datasheet
SMSC PAC1720
21
Revision 1.1 (12-08-11)
SMSC CONFIDENTIAL DATASHEET
Actual current through RSENSE can then be calculated using:
As an example, suppose the system is drawing 1.65A through a 10m
Ω resistor, the FSR is set for
+20mV, and sample time is 80ms. Using Equation [1], the FSC is 2A. The measured VSENSE is 1.65A
* 10m
Ω = 16.5mV. This value of VSENSE is represented in the Sense Voltage Registers as 69_8h
(0110_1001_1000b or 1688d) ignoring the 4 lower bits of the low byte as these are always 0. This
value, when applied to Equation [2], results in an IBUS current of 1.649A.
For a negative voltage the Sense Voltage Registers are read as 96_0h (again ignoring the lower 4 bits
of the low byte as these are always 0). To calculate current, the binary value is first converted from
two’s complement by inverting the bits and adding one:
96_80h = 1001_0110_1000b. Inverting equals 0110_1001_0111b (69_7h) and adding one gives
0110_1001_1000b (69_8h).
This results in the same calculated value as in the positive voltage case.
4.4
Voltage Measurement
The pin voltage is measured on the supply side of SENSE1+ and SENSE2+ and stored as an unsigned
11-bit number in the VSOURCE Voltage Registers as VSOURCE (see Section 5.11).
Full Scale Voltage (FSV) is given by the maximum value of the VSENSE Voltage Registers:
Actual voltage at SENSE+ can be calculated using:
where:
[2]
IBUS is the actual bus current
FSC is the full scale current value (from Equation [1])
VSENSE is the value read from the Sense Voltage Registers
(in decimal), ignoring the four lowest bits which are always
zero (see Section 5.10)
Denominator is determined by the sample time, as shown in
Table 5.14, "Current Sensing Sampling Time Settings"
where:
[3]
FSV is the full scale voltage
Denominator is determined by the sample time, as shown in
Table 5.10, "Voltage Source Sampling Time Settings".
where:
[4]
VSOURCE is the actual voltage on the SENSEX+ pin
FSV is the full scale voltage (from Equation [3])
VSOURCE is the value read from the VSOURCE Voltage
Registers (in decimal), ignoring the lowest five bits which
are always zero. (see Section 5.11, "VSOURCE Voltage
Registers")
Denominator is determined by the sample time, as shown in
Table 5.10, "Voltage Source Sampling Time Settings".
I
BUS
FSC
V
SENSE
Denominator
-------------------------------------
×
=
FSV
40
40
Denominator
-------------------------------------
–
=
V
SOURCE
_PIN
FSV
V
SOURCE
Denominator
-------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com