Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151RLH Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 151RLH
Description  Aluminum Capacitors Radial Long-Life, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

151RLH Datasheet(HTML) 2 Page - Vishay Siliconix

  151RLH Datasheet HTML 1Page - Vishay Siliconix 151RLH Datasheet HTML 2Page - Vishay Siliconix 151RLH Datasheet HTML 3Page - Vishay Siliconix 151RLH Datasheet HTML 4Page - Vishay Siliconix 151RLH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 28319
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 04-Nov-03
147
151 RLH
Aluminum Capacitors
Radial Long-Life, High Voltage
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig.2 Form CA: Long leads.
L
F
15
min
5
min
Od
O D
Fig.2 Form CB: Cut leads.
O D
L
4
1
0
F
O d
Case ØD x L
≤ 16 x 31 mm.
Fig.4 Form TFA Taped in box (ammopack).
Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
∅D × L
CASE
CODE
∅d
∅Dmax
Lmax
F
MASS
(g)
PACKAGING QUANTITIES
PER BOX
FORM
CA
FORM
CB
FORM
TFA
10
× 12
14
0.6
10.5
13.5
5.0
±0.5
≈1.6
1 000
500
800
10
× 16
15
0.6
10.5
17.5
5.0
±0.5
≈1.9
500
500
800
10
× 20
16
0.6
10.5
22.0
5.0
±0.5
≈2.2
500
500
800
12.5
× 20
17
0.6
13.0
22.0
5.0
±0.5
≈4.0
500
500
500
12.5
× 25
18
0.6
13.0
27.0
5.0
±0.5
≈5.0
250
250
500
16
× 20
19a
0.8
16.5
22.0
7.5
±0.5
≈6.0
250
250
250
16
× 25
19
0.8
16.5
27.0
7.5
±0.5
≈8.0
250
250
250
16
× 31
20
0.8
16.5
33.5
7.5
±0.5
≈9.0
100
100
250
16
× 35
21
0.8
16.5
37.5
7.5
±0.5
≈11.0
100
100
−
18
× 20
1820
0.8
18.5
22.0
7.5
±0.5
≈8.0
100
100
−
18
× 25
1825
0.8
18.5
27.0
7.5
±0.5
≈10.0
100
100
−
18
× 31
1831
0.8
18.5
33.5
7.5
±0.5
≈12.5
100
100
−
18
× 35
22
0.8
18.5
37.5
7.5
±0.5
≈14.5
100
100
−



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com