Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3477 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3477 Datasheet HTML 15Page - National Semiconductor (TI) LM3477 Datasheet HTML 16Page - National Semiconductor (TI) LM3477 Datasheet HTML 17Page - National Semiconductor (TI) LM3477 Datasheet HTML 18Page - National Semiconductor (TI) LM3477 Datasheet HTML 19Page - National Semiconductor (TI) LM3477 Datasheet HTML 20Page - National Semiconductor (TI) LM3477 Datasheet HTML 21Page - National Semiconductor (TI) LM3477 Datasheet HTML 22Page - National Semiconductor (TI) LM3477 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Compensation (Continued)
Figure 14 shows a bode plot of a typical current mode buck
regulator. It is an estimate of the actual plot using the as-
ymptotic approach. The three plots shown are of the com-
pensator, powerstage, and loop gain, which is the product of
the power stage, compensator, and feedback gain. The loop
gain determines both static and dynamic performance of the
converter. The power stage response is fixed by the selec-
tion of the power components, therefore the compensator is
designed around the powerstage response to achieve a
good loop response. Specifically, the compensator is added
to increase low frequency magnitude, extend the 0dB fre-
quency (crossover frequency), and improve the phase char-
acteristic.
There are several different types of compensation that can
be used to improve the frequency response of the control
loop. To determine which compensation scheme to use,
some information about the power stage is needed.
Use V
IN =VIN(MIN) and R = RMIN (IOUT(MAX)) when calculat-
ing compensation components.
S
e =fS(VSL + 50x10
−6 R
SL)
With the power stage known, a compensator can be de-
signed to achieve improved performance and stability. The
LM3477/A will typically require only a single resistor and
capacitor for compensation, but depending on the power
stage it could require three or four external components.
It is a good idea to check that Q is between 0.15 and 2, if it
was not already done when selecting the inductor. If Q is less
than 0.15 or greater than 2, skip to the SAMPLING POLE
QUALITY FACTOR section below before continuing with the
compensator design.
First, a target crossover frequency (f
c) for the loop gain must
be selected. The crossover frequency is the bandwidth of the
converter. A higher bandwidth generally corresponds to
faster response times and lower overshoots to load tran-
sients. However, the bandwidth should not be much higher
than 1/10 the switching frequency. The LM3477/A operates
with a 500kHz switching frequency, so it is recommended to
choose a crossover frequency between 10kHz - 50kHz.
The schematic of the LM3477/A compensator is shown in
Figure 13. The default design uses R
c and CC1 to form a lag
(type 2) compensator. The C
C2 capacitor can be added to
form an additional pole that is typically used to cancel out the
esr zero of the output capacitor. Finally, if extra phase margin
is needed, the Cff capacitor can be added (this does not help
at low output voltages, see below).
20003390
FIGURE 13. LM3477 Compensation Components
200033J4
FIGURE 14. Typical Open Loop, Compensator, and
Power Stage Bode Plots for LM3477 Buck Circuits.
Poles, Zeros and Important Measurements are Labeled
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com