Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC0803HPR47MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PIC0803HPR47MF
Description  SMD Power Choke Coil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0803HPR47MF Datasheet(HTML) 6 Page - Superworld Electronics

  PIC0803HPR47MF Datasheet HTML 1Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 2Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 3Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 4Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 5Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 6Page - Superworld Electronics PIC0803HPR47MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG.6
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIC0803HP SERIES
03.11.2015
9. PACKAGING INFORMATION :
B1(mm)
10.1±0.1
9-3. Packaging Quantity
PIC0803
Series
Bo(mm)
9.0±0.1
16.0±0.1
P(mm)
Ao(mm)
8.9±0.1
Ko(mm)
3.3±0.1
24±0.3
W(mm)
9-2 Tape Dimension
24.4+2.0/-0
A(mm)
13" x 24mm
Type
100±2
B(mm)
D(mm)
13.5±0.5
330
C(mm)
EMBOSSED CARRIER
A
COVER TAPE
9-1. Reel Dimension
PIC0803
8000
2000
Carton
Chip / Reel
Inner Box
Size
1000
2.0±0.5
11.5±0.1
F(mm)
0.35±0.05
T(mm)
1.5±0.1
D(mm)
4.0
2.0
P
T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com