Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC4018FT-R56NZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPC4018FT-R56NZF
Description  Low Profile Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC4018FT-R56NZF Datasheet(HTML) 1 Page - Superworld Electronics

  SPC4018FT-R56NZF Datasheet HTML 1Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 2Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 3Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 4Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 5Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 6Page - Superworld Electronics SPC4018FT-R56NZF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
(f)
(d) (e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Powder coating type
(a) Series code
(b) Dimension code
(f) Tolerance code : M=± 20%, N=± 30%
(d) Taping package
(e) Inductance code : 3R3= 3.3uH
(h) F : RoHS Compliant
(g) Z : Standard Part
(g)(h)
S P C 4 0 1 8 F T 3 R 3 N Z F - □□
16.10.2014
SPC4018FT SERIES
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Powder Coating
Recommended PCB Pattern
A
E
D
E
G
1.0
4.2
2.0
4.4
OR
1.8 Max.
ABC
2.1± 0.2
DE
0.96± 0.1
3.9± 0.2
4.0± 0.2
Unit:m/m
1.6± 0.15
FG
1.1± 0.15
Marking
(Black)
3. MATERIALS :
d
e
a
b
c
a
w
(i)
(i) 10: Standard
11 ~ 99 : Internal control number
(a) Core
(b) Wire
(c) Clip
(e) Powder Coating
(d) Epoxy Resin
Exposed wire tolerance limit of coating resin part on product side.
1. Width direction(dimension a):Acceptable when a≦w/2
Nonconforming when a>w/2
2. Length direction(dimension b):Dimension b is not specified.
3. The total expose wire area of each side should not be more than 50%
of the coating resin area.


Similar Part No. - SPC4018FT-R56NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPC4018FT-100MZF SUPERWORLD-SPC4018FT-100MZF Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC4018FT-100NZF SUPERWORLD-SPC4018FT-100NZF Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC4018FT-101MZF SUPERWORLD-SPC4018FT-101MZF Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC4018FT-101NZF SUPERWORLD-SPC4018FT-101NZF Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC4018FT-1R0MZF SUPERWORLD-SPC4018FT-1R0MZF Datasheet
227Kb / 5P
SMD POWER INDUCTORS
More results

Similar Description - SPC4018FT-R56NZF

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com