| Electronic Components Datasheet Search |
|
ADE7754ARRL Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7754ARRL Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 44 page ![]() REV. PrG 01/03 PRELIMINARY TECHNICAL DATA ADE7754 – 32 – CS SCLK DIN A4 A3 A2 A1 A0 DB7 Most Significant Byte t1 t2 t3 t4 t5 t8 1 DB0 DB7 DB0 t6 Least Significant Byte t7 t7 0 Command Byte A5 Figure 42– Serial Interface Write Timing Diagram SCLK XXXX DB11 DB10 DB9 DB8 DIN Most Significant Byte DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 Least Significant Byte Figure 43—12 bit Serial Write Operation ADE7754 Serial Read Operation During a data read operation from the ADE7754 data is shifted out at the DOUT logic output on the rising edge of SCLK. As was the case with the data write operation, a data read must be preceded with a write to the Communications register. With the ADE7754 in communications mode and CS logic low an eight bit write to the Communications register first takes place. The MSB of this byte transfer must be a 0, indicating that the next data transfer operation is a read. The six LSBs of this byte contain the address of the register which is to be read. The ADE7754 starts shifting out of the register data on the next rising edge of SCLK – see Figure 44. At this point the DOUT logic output switches from high impedance state and starts driving the data bus. All remaining bits of register data are shifted out on subsequent SCLK rising edges. The serial interface enters communications mode again as soon as the read has been completed. The DOUT logic output enters a high impedance state on the falling edge of the last SCLK pulse. The read operation may be aborted by bringing the CS logic input high before the data transfer is completed. The DOUT output enters a high impedance state on the rising edge of CS. When an ADE7754 register is addressed for a read operation, the entire contents of that register are transferred to the Serial port. This allows the ADE7754 to modify its on-chip registers without the risk of corrupting data during a multi byte transfer. Note: when a read operation follows a write operation, the read command (i.e., write to communications register) should not happen for at least TBD after the end of the write operation. If the read command is sent within TBD of the write operation, the last byte of the write operation may be lost. The is given as timing specification t15. CS SCLK DIN A4 A3 A2 A1 A0 t1 t11 t12 t9 DB7 DOUT t13 DB0 DB0 DB7 t10 t14 Most Significant Byte Least Significant Byte 00 Command Byte A5 Figure 44– Serial Interface Read Timing Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |