Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72035 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH72035
Description  FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72035 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH72035 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TH72035
868/915MHz
FSK/ASK Transmitter
39010 72035
Page 5 of 20
Data Sheet
Rev. 011
Jan/12
2.4
ASK Modulation
The PLL transmitter can be ASK-modulated by
applying a data stream directly at the pin
ASKDTA.
This
turns
the
internal
current
sources of the power amplifier on and off and
therefore leads to an ASK signal at the output.
ASKDTA
Description
0
Power amplifier is turned off
1
Power amplifier is turned on (according
to the selected output power step)
2.5
Output Power Selection
The transmitter is provided with an output power selection feature. There are four predefined output power
steps and one off-step accessible via the power selection pin PSEL. A digital power step adjustment was
chosen because of its high accuracy and stability. The number of steps and the step sizes as well as the
corresponding power levels are selected to cover a wide spectrum of different applications.
The implementation of the output power control
logic is shown in figure 4. There are two
matched current sources with an amount of
about 8 µA. One current source is directly ap-
plied to the PSEL pin. The other current source
is used for the generation of reference voltages
with a resistor ladder. These reference voltages
are defining the thresholds between the power
steps. The four comparators deliver thermome-
ter-coded control signals depending on the
voltage level at the pin PSEL. In order to have a
certain amount of ripple tolerance in a noisy
environment the comparators are provided with
a little hysteresis of about 20 mV. With these
control signals, weighted current sources of the
power amplifier are switched on or off to set the
desired output power level (Digitally Controlled
Current Source). The LOCK, ASK signal and
the output of the low voltage detector are gating
this current source.
Fig. 4:
Block diagram of output power control circuitry
There are two ways to select the desired output power step. First by applying a DC voltage at the pin PSEL,
then this voltage directly selects the desired output power step. This kind of power selection can be used if
the transmission power must be changed during operation. For a fixed-power application a resistor can be
used which is connected from the PSEL pin to ground. The voltage drop across this resistor selects the de-
sired output power level. For fixed-power applications at the highest power step this resistor can be omitted.
The pin PSEL is in a high impedance state during the “TX standby” mode.
2.6
Lock Detection
The lock detection circuitry turns on the power amplifier only after PLL lock. This prevents from unwanted
emission of the transmitter if the PLL is unlocked.
2.7
Low Voltage Detection
The supply voltage is sensed by a low voltage detect circuitry. The power amplifier is turned off if the supply
voltage drops below a value of about 1.85 V. This is done in order to prevent unwanted emission of the
transmitter if the supply voltage is too low.
ASKDTA
&
&
&
PSEL
&
&
RPS
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com