Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72016 Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH72016
Description  FSK/ASK Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 12 of 15
Data Sheet
Rev. 009
Jan/12
5 Test Circuit
Fig. 6:
Test circuit for FSK and ASK with 50 Ω matching network
5.1
Test circuit component list to Fig. 6
Part
Size
Value @
433.92 MHz
Tolerance
Description
CM1
0805
5.6pF
±5%
impedance matching capacitor
CM2
0805
10 pF
±5%
impedance matching capacitor
CM3
0805
82 pF
±5%
impedance matching capacitor
LM
0805
33 nH
±5%
impedance matching inductor, note 2
LT
0805
33 nH
±5%
output tank inductor, note 2
CX1_FSK
0805
10 pF
±5%
XOSC FSK capacitor (∆f = ±20 kHz), note 1
CX1_ASK
0805
18 pF
±5%
XOSC ASK capacitor, trimmed to fC, note 1
CX2
0805
27 pF
±5%
XOSC capacitor (∆f = ±20 kHz), note 1
only needed for FSK
CCK
0805
18 pF / 180 pF
±5%
clock spur suppression capacitor, CKDIV 0 / 1
RPS
0805
see section 4.6
±5%
FSK or CW mode power-select resistor
R1
0805
see section 4.7
±5%
ASK power-select resistor, not used at FSK
CB0
1206
220 nF
±20%
de-coupling capacitor
CB1
0805
330 pF
±10%
de-coupling capacitor
XTAL
SMD
6x3.5
13.56000MHz
±30ppm cal.
±30ppm temp.
fundamental wave crystal,
CL = 10 pF, C0, max = 5 pF, R1 = 50 Ω
Note 1: value depending on crystal parameters
Note 2: for high-power applications high-Q wire-wound inductors should be used
CB1
CM1
CM2
OUT
CM3
LM
LT
RPS
CB0
2 3
1
2
1
2
1
6
7
8
9
10
R1
CX1
5
4
3
1
2
2
1
2
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com