Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3477MMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477MMX
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477MMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3477MMX Datasheet HTML 6Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 7Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 8Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 9Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 10Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 11Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 12Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 13Page - National Semiconductor (TI) LM3477MMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Functional Block Diagram
20003301
Functional Description
General Description
The LM3477/A is a switching regulator controller for topolo-
gies incorporating a high side switch. The most common of
these topologies is the step-down, or buck, converter. Other
topologies such as the inverting (buck-boost) and inverse
SEPIC (zeta) converters can be realized. This datasheet will
focus on buck converter applications.
The LM3477/A employs current mode control architecture.
Among the many benefits of this architecture are superior
line and load regulation, cycle-by-cycle current limiting, and
simple loop compensation. The LM3477/A features a pat-
ented adjustable slope compensation scheme to enable flex-
ible inductor selection. The LM3477/A has a combination of
features that allow its use in a wide variety of applications.
The input voltage can range from 2.97V to 35V, with the
output voltage being positive or negative depending on the
topology. The current limit can be scaled to safely drive a
wide range of loads. An internal soft-start is provided to limit
initial in-rush current. Output over voltage and input under
voltage protection ensure safe operation of the LM3477/A.
Regions of Operation
Pulse width modulation (PWM) is the normal mode of opera-
tion. In PWM, the output voltage is well regulated and has a
ripple frequency equal to the switching frequency (500kHz).
In low load conditions, the part operates in hysteretic mode.
In this mode, the output voltage is regulated between a high
and low value that results in a higher ripple magnitude and
lower ripple frequency than in PWM mode (see OVER VOLT-
AGE PROTECTION section).
200033J2
FIGURE 1. Operating Regions of the LM3477/A
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com