Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3485 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3485 Datasheet HTML 7Page - National Semiconductor (TI) LM3485 Datasheet HTML 8Page - National Semiconductor (TI) LM3485 Datasheet HTML 9Page - National Semiconductor (TI) LM3485 Datasheet HTML 10Page - National Semiconductor (TI) LM3485 Datasheet HTML 11Page - National Semiconductor (TI) LM3485 Datasheet HTML 12Page - National Semiconductor (TI) LM3485 Datasheet HTML 13Page - National Semiconductor (TI) LM3485 Datasheet HTML 14Page - National Semiconductor (TI) LM3485 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PCB Layout (Continued)
20034642
Top Layer
20034644
Bottom Layer
20034641
Silk Screen
C1: C
IN 22µF/35V EEJL1VD226R (Panasonic)
C2: C
OUT 100µF/6.3V 6TPC100M (Sanyo)
C3: C
ADJ 1nF Ceramic Chip Capacitor
C4: C
FF 100pF Ceramic Chip Capacitor
D1: 1A/40V MBRS140T3 (On Semiconductor)
L1: 22µH :QH66SN220M01L (Murata)
Q1: FDC5614P (Fairchild)
R1: 33K
Ω Chip Resistor
R2: 20K
Ω Chip Resistor
R3: R
ADJ 24KΩ Chip Resistor
FIGURE 7. Typical PCB Layout (3.3V Output)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com