Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3485MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3485MM Datasheet HTML 6Page - National Semiconductor (TI) LM3485MM Datasheet HTML 7Page - National Semiconductor (TI) LM3485MM Datasheet HTML 8Page - National Semiconductor (TI) LM3485MM Datasheet HTML 9Page - National Semiconductor (TI) LM3485MM Datasheet HTML 10Page - National Semiconductor (TI) LM3485MM Datasheet HTML 11Page - National Semiconductor (TI) LM3485MM Datasheet HTML 12Page - National Semiconductor (TI) LM3485MM Datasheet HTML 13Page - National Semiconductor (TI) LM3485MM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Functional Description (Continued)
The minimum output voltage ripple (V
OUT_PP) can be calcu-
lated in the same way.
V
OUT_PP =VHYST (R1+R2)/R2
For example, with V
OUT set to 3.3V, VOUT_PP is 26.6mV
V
OUT_PP = 0.01* ( 33K + 20K ) / 20K = 0.0266V
Operating frequency (F) is determined by knowing the input
voltage, output voltage, inductor, V
HYST, ESR (Equivalent
Series Resistance) of output capacitor, and the delay. It can
be approximately calculated using the formula:
where:
α:(R1+R2)/R2
delay: It includes the LM3485 propagation delay time
and
the PFET delay time. The propagation delay is 90ns
typically. (See the Propagation Delay curve below.)
The operating frequency and output ripple voltage can also
be significantly influenced by the speed up capacitor (Cff).
Cff is connected in parallel with the high side feedback
resistor, R1. The location of this capacitor is similar to where
a feed forward capacitor would be located in a PWM control
scheme. However it’s effect on hysteretic operation is much
different. The output ripple causes a current to be sourced or
sunk through this capacitor. This current is essentially a
square wave. Since the input to the feedback pin, FB, is a
high impedance node, the current flows through R2. The end
result is a reduction in output ripple and an increase in
operating frequency. When adding Cff, calculate the formula
above with
α = 1. The value of Cff depend on the desired
operating frequency and the value of R2. A good starting
point is 470pF ceramic at 100kHz decreasing linearly with
increased operating frequency. Also note that as the output
voltage is programmed below 2.5V, the effect of Cff will
decrease significantly.
Current Limit Operation
The LM3485 has a cycle-by-cycle current limit. Current limit
is sensed across the V
DS of the PFET or across an addi-
tional sense resistor. When current limit is reached, the
LM3485 turns off the external PFET for a period of 9µs. The
current limit is adjusted by an external resistor, R
ADJ.
The current limit circuit is composed of the ISENSE com-
parator and the one-shot pulse generator. The positive input
of the ISENSE comparator is the ADJ pin. An internal 5.5µA
current sink creates a voltage across the external R
ADJ
resister. This voltage is compared to the voltage across the
PFET or sense resistor. The ADJ voltage can be calculated
as follows.
V
ADJ =VIN −(RADJ * 5.5µA)
The negative input of the ISENSE comparator is the ISENSE
pin that should be connected to the drain of the external
PFET. The inductor current is determined by sensing the
V
DS. It can be calculated as follows.
V
ISENSE =VIN −(RDSON * IIND_PEAK)=VIN −VDS
The current limit is activated when the voltage at the ISENSE
pin exceeds the voltage at the ADJ pin. The ISENSE com-
parator triggers the 9µs one shot pulse generator forcing the
driver to turn the PFET off. The driver turns the PFET back
on after 9µs. If the current has not reduced below the set
threshold, the cycle will repeat continuously.
During current limit operation, the output voltage will drop
significantly as will operating frequency. As the load current
is reduced, the output will return to the programmed voltage.
However, there is a current limit fold back phenomenon
inherent in this current limit architecture. See
Figure 4.
20034614
FIGURE 2. Propagation Delay
20034625
FIGURE 3. Current Sensing by V
DS
20034626
FIGURE 4. Current Limit Fold Back Phenomenon
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com