Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5V0L1BG-CC2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ESD5V0L1BG-CC2-R
Description  Ultra low clamping voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ESD5V0L1BG-CC2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ESD5V0L1BG-CC2-R Datasheet HTML 1Page - Unisonic Technologies ESD5V0L1BG-CC2-R Datasheet HTML 2Page - Unisonic Technologies ESD5V0L1BG-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD5V0L1B
Preliminary
TVS DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R229-006 .a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Discharge
IEC61000-4-2
Contact Discharge
VESD
±25
kV
Peak Pulse current (tP=8/20 µs)
IPP
±2.5
A
Operating Junction Temperature
TJ
125
°C
Operating Temperature (Note 2)
TOPR
-55 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse working voltage
VRMW
-5.0
5.0
V
Reverse current
IR
VR=3.0V
<1
50
nA
Line capacitance
CL
VR=0V. f=1MHz
20
30
pF
IPP=5A, tP=30ns
17
V
IPP=5A, tP=30ns
20
V
IPP=16A, tP=30ns
22
V
Clamping voltage
VCL
IPP=16A, tP=30ns
25
V
Dynamic resistance (Note 1)
RDYN
tP=30ns
0.3
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com