Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1803G-XX-AB5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1803G-XX-AB5-R
Description  The reverse current protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1803G-XX-AB5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1803G-XX-AB5-R Datasheet HTML 1Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 2Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 3Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 4Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 5Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 6Page - Unisonic Technologies LR1803G-XX-AB5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1803
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-081.a
700mA HIGH SPEED LDO
REGULATOR WITH REVERSE
CURRENT PROTECTION
DESCRIPTION
The UTC LR1803 operate from a +1.7V ~ +6V input supply as
fast low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make
UTC LR1803 suitable for low voltage microprocessor application.
The low quiescent current operation and low dropout quality
caused by the CMOS process.
The UTC LR1803 has low dropout voltage. The ground pin
current is typically 100μA. Output Voltage Precision: Multiple
output voltage options are available and ranging from 1.5V~5V at
room temperature with a guaranteed accuracy of ±1.5%, and
±3.0% when varying line and load. With the reverse current
protection unction of a driver transistor, the reverse current flow is
prohibited when VOUT voltage is higher than VIN voltage. For an
example, when a battery is connected to the VOUT pin, battery
current will not flow back to the UTC LR1803.
FEATURES
* The Guaranteed Output Current is 700mA DC
* Low Power Consumption: 100μA
* Dropout Voltage: 120mV @IOUT=300mA (VOUT=3.0V)
* Output Voltage Accuracy ±1.5%
* The reverse current protection
1
SOT-89-5
SOT-25
1
3
5
2
4
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1803G-xx-AB5-R
SOT-89-5
Tape Reel
LR1803G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1803G-XX-AB5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1801 UTC-LR1801 Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801 Datasheet
371Kb / 11P
1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G UTC-LR1801G Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G-12-SH2-R UTC-LR1801G-12-SH2-R Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801G-12-SH2-T UTC-LR1801G-12-SH2-T Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1803G-XX-AB5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
REVERSE CURRENT PROTECTION
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
Reverse current protection
28-Jul-2014
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
Reverse-current/voltage Protection
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
logo
New Japan Radio
NJM2879-H NJRC-NJM2879-H Datasheet
538Kb / 17P
LDO with Reverse Current Protection / Discharge Function
Ver.1.3
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com