Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1112G-XX-AE5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1112G-XX-AE5-R
Description  Current limit protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1112G-XX-AE5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1112G-XX-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 4Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 5Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR1112
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-057.b
ELECTRICAL CHARACTERISTICS
(TA=25°C, VIN=VOUT+1V, CIN=1μF, COUT=1μF, VEN=2V, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VEN=VIN, IOUT=0mA
30
50
μA
Input Quiescent Current
IQ
VEN=VIN, IOUT=150mA
50
85
μA
Input Shutdown Current
ISHDN
VEN=0V, IOUT=0mA
1
μA
Input Leakage Current
ILEAK
VEN=0V, OUT grounded
1
μA
Dropout Voltage (Note 3)
VDropout
IOUT=150mA
150
300
mV
ADJ Reference Voltage (Adjustable
Version)
VREF
IOUT=0mA
0.4
V
ADJ Leakage (Adjustable Version)
IADJ
1
μA
Output Voltage Accuracy
VOUT
TA=-40°C~85°C,
IOUT=30mA
-2
2
%
Line Regulation
∆VOUT
/∆VIN/V
VIN=(VOUT +1V)~VIN-Max,
VEN=VIN, IOUT=1mA
0.01
0.20
%/V
Load Regulation
∆VOUT
/VOUT
VIN=(VOUT +1V)~VIN-Max,
IOUT from 1mA to 150mA
-0.6
0.6
%
Start-Up Time
tST
VEN=0V~2.0V, VOUT=1.8V
IOUT=150mA
80
μs
PSRR
PSRR
VIN=[VOUT +1V]VDC+0.5VppAC,
f =100Hz, IOUT=30mA
65
dB
Current Limit
ILIMIT
VIN=(VOUT +1V)~VIN-Max,
VOUT/ROUT=0.5A
200
300
mA
EN Input Logic Low Voltage
VIL
VIN=VIN-Min ~VIN-Max
0.4
V
EN Input Logic High Voltage
VIH
VIN=VIN-Min ~VIN-Max
1.4
V
Thermal Shutdown Threshold
TSHDN
140
°C
Thermal Shutdown Hysteresis
THYS
15
°C
Notes: 1. Ratings apply to ambient temperature at 25°C
2. The device maintains a stable, regulated output voltage without a load current.
3. Dropout voltage is the voltage difference between the input and the output at which the output voltage
drops 2% below its nominal value. This parameter only applies to output voltages above 1.8V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com