Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM920T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ARM920T
Description  System-on-Chip Platform OS Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ARM920T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ARM920T Datasheet HTML 1Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 2Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 3Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 4Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 5Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 6Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 7Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 8Page - List of Unclassifed Manufacturers ARM920T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ARM920T
Page 2
© Copyright ARM Limited 2000. All rights reserved.
DVI 0024A
ARM Confidential - Draft
ARM920T Macrocell
The ARM920T macrocell is based on
the ARM9TDMI Harvard architecture
processor core, with an efficient five
stage pipeline. The architecture of
the processor core or integer unit is
described in more detail page 9.
To reduce the effect of main memory
bandwidth and latency on
performance, the ARM920T
includes:
•
instruction cache
•
data cache
•MMU
•TLBs
•
write buffer
•
physical address TAG RAM
Caches
Two 16KB caches are implemented,
one for instructions, the other for
data, both with an 8-word line size. A
32-bit data bus connects each cache
to the ARM9TDMI core allowing a
32-bit instruction to be fetched and
fed into the instruction Decode stage
of the pipeline at the same time as a
32-bit data access for the Memory
stage of the pipeline.
Cache lock-down
Cache lock-down is provided to allow
critical code sequences to be locked
into the cache to ensure predictability
for real-time code. The cache
replacement algorithm can be
selected by the operating system as
either pseudo random or round-robin.
Both caches are 64-way set-
associative. Lock-down operates on
a per-set basis
Write buffer
The ARM920T also incorporates a
16-entry write buffer, to avoid stalling
the processor when writes to external
memory are performed.
PATAG RAM
The ARM920T implements PATAG
RAM to perform write-backs from the
data cache.
The physical address of all the lines
held in the data cache is stored by
the PATAG memory, removing the
need for address translation when
evicting a line from the cache.
MMUs
The standard ARM920T implements
an enhanced ARMv4 MMU to
provide translation and access
permission checks for the instruction
and data address ports of the
ARM9TDMI.
The MMU features are:
•
standard ARMv4 MMU mapping
sizes, domains, and access
protection scheme
•
mapping sizes are 1MB sections,
64KB large pages, 4KB small
pages and new 1KB tiny pages
•
access permissions for sections
•
access permissions for large
pages and small pages can be
specified separately for each
quarter of the page (these
quarters are called subpages)
•
16 domains implemented in
hardware
•
64-entry instruction TLB and 64-
entry data TLB
•
hardware page table walks
•
round-robin replacement
algorithm (also called cyclic).
ARM920T function block diagram
ARM9TDMI
Processor core
(Integral EmbeddedICE)
Write
buffer
ID[31:0]
IMVA[31:0]
WBPA[31:0]
DPA[31:0]
IPA[31:0]
ASB
Write back
PATAG RAM
CP15
R13
IVA[31:0]
DVA[31:0]
JTAG
External
coprocessor
interface
DD[31:0]
Instruction
cache
Instruction
MMU
Data
MMU
Data
cache
R13
DINDEX[5:0]
Trace
interface
port
AMBA
bus
interface
DMVA[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com