Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C103L Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C103L
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103L Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C103L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
231
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
Output
Buffer
Test
Point
2.0
1.25
0.4
tHKH
Duty Cycle
tHKP
2.5V
Clocking
Interface
tHKL
tHfall
tHrise
2.4
1.5
0.4
tPKH
tPKP
3.3V
Clocking
Interface
(TTL)
tPKL
tPfall
tPrise
Test Load
Figure 2. Clock Output Waveforms
Figure 1. Host Clock and PCI CLK Timing
1.25V
2.5V
tHPOFFSET
Host CLK
PCI CLK
VSS
1.5V
3.3V
VSS
tHPOFFSET
1.25V
2.5V
Host CLK
VSS
tHSKW
PCI CLK
1.5V
3.3V
VSS
tPSKW
1.5V
1.25V
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com