Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29LV800 Datasheet(PDF) 21 Page - ANADIGICS, Inc

Part # AS29LV800
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800 Datasheet(HTML) 21 Page - ANADIGICS, Inc

Back Button AS29LV800 Datasheet HTML 17Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 18Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 19Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 20Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 21Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 22Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 23Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 24Page - ANADIGICS, Inc AS29LV800 Datasheet HTML 25Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
®
AS29LV800
3/22/01; V.1.0
Alliance Semiconductor
P. 21 of 25
March 2001
Word/byte configuration
BYTE read waveform
BYTE write waveform
Sector protect/unprotect
JEDEC
Symbol
Std Symbol
Parameter
-70R/80/90/120
Unit
Min
Max
-tELFL/tELFH
CE to BYTE switching Low or High
-10
ns
-tFLQZ
BYTE switching Low to output High-Z
-30
ns
-tFHQZ
BYTE switching High to output Active
80
-
ns
CE
OE
BYTE
DQ0-DQ14
DQ15/A-1
BYTE
DQ0-DQ14
DQ15/A-1
BYTE
Word
to
Byte
Byte
to
Word
Data output
Data output
Address input
DQ15 output
Data output
DQ0-DQ7
DQ0-DQ14
DQ0-DQ7
Data output
DQ0-DQ14
Address input
DQ15 output
tELFL
tELFH
tFLQZ
tFHQV
CE
WE
BYTE
falling edge of last WE signal
tSET
(tAS)tHOLD (tAH)
See Erase/Program operations table for tAS and tAH specifications.
RESET#
CE#
OE#
VID
VIH
Valid*
Valid*
Valid*
SA, A6,
A1, A0
60h
40h
Status
60h
DATA
Sector protect/unprotect
1 µs
Sector protect: 100 µs
Sector unprotect: 10 ms
WE#
Verify
Don’t care
Don’t care
Don’t care
Don’t care
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com