Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS177 Datasheet(PDF) 4 Page - Anachip Corp

Part # ATS177
Description  Single Output Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS177 Datasheet(HTML) 4 Page - Anachip Corp

  ATS177 Datasheet HTML 1Page - Anachip Corp ATS177 Datasheet HTML 2Page - Anachip Corp ATS177 Datasheet HTML 3Page - Anachip Corp ATS177 Datasheet HTML 4Page - Anachip Corp ATS177 Datasheet HTML 5Page - Anachip Corp ATS177 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Single Phase Hall Effect Latch
ATS177
Anachip Corp.
www.anachip.com.tw
Rev. A6 Jun 23, 2004
4/6
ATC
Magnetic Characteristics (Ta= 25°C)
(1mT=10Gauss)
A grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
5
-
70
Gauss
Release Point
Brp
-70
-
-5
Gauss
Hysteresis
Bhys
-
80
-
Gauss
B grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhys
-
80
-
Gauss
12
10
8
6
4
2
OP
ON
OFF
RP
-200
200
100
-100
0
Magnetic Flux Density in Gauss
DO
Vsat
Typical Magnetic Switch Point vs. Temperuture
-50
0
50
100
-20
25
80
100
Temperature (
oC)
Bop
Brp
Bhys



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com