Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIP-8 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4580
5
Issue Date: Jan. 2003
Advanced Analog Circuits
Data Sheet
Rev.1.0
Typical Characteristics
Figure 4. Open Loop Voltage Gain
Figure 5. Maximum Output Voltage Swing
Figure 6. Maximum Output Voltage Swing
Figure 7. Equivalent Input Noise Voltage
vs. Frequency
vs. Load Resistance
vs. Frequency
1
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
V
CC= 15V, VEE= -15V
R
L=2KΩ,TA=25
oC
Frequency (Hz)
vs.
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
Frequency (H z)
V
CC= 15V ,V EE= -15V
R
L=2K Ω , T A=2 5
oC
0.1
1
10
12
14
16
18
20
22
24
26
28
30
V
CC= 15V,VEE= -15V,
T
A=25
oC
Load Resistance (KΩ)
Frequency
110
100
1k
0
5
10
15
20
Frequency (Hz)
V
CC= 15V, VEE= -15V
R
S=50Ω,TA=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com